Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8591TH Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDF8591TH Datasheet HTML 18Page - NXP Semiconductors TDF8591TH Datasheet HTML 19Page - NXP Semiconductors TDF8591TH Datasheet HTML 20Page - NXP Semiconductors TDF8591TH Datasheet HTML 21Page - NXP Semiconductors TDF8591TH Datasheet HTML 22Page - NXP Semiconductors TDF8591TH Datasheet HTML 23Page - NXP Semiconductors TDF8591TH Datasheet HTML 24Page - NXP Semiconductors TDF8591TH Datasheet HTML 25Page - NXP Semiconductors TDF8591TH Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
TDF8591TH_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 March 2008
22 of 34
NXP Semiconductors
TDF8591TH
2
× 100 W SE (4 Ω) or 1 × 310 W BTL (4 Ω) class-D amplifier
Po = 1 W; C = 680 nF; L = 22 µH.
(1) VP = ±14 V.
(2) VP = ±18 V.
(3) VP = ±27 V.
(4) VP = ±29 V.
Po = 1 W; C = 680 nF; L = 22 µH.
(1) VP = ±14 V.
(2) VP = ±18 V.
(3) VP = ±27 V.
(4) VP = ±29 V.
Fig 14. Total harmonic distortion as a function of
frequency, SE application with 2
Ω load
Fig 15. Total harmonic distortion as a function of
frequency, SE application with 4
Ω load
001aah200
10−1
10−2
1
THD
(%)
10−3
f (kHz)
10−2
102
10
10−1
1
(2)
(3)
(4)
(1)
001aah201
10−1
10−2
1
THD
(%)
10−3
(2)
(3)
(4)
(1)
f (kHz)
10−2
102
10
10−1
1
Po = 1 W; C = 680 nF; L = 22 µH.
(1) VP = ±14 V.
(2) VP = ±29 V.
(3) VP = ±18 V.
(4) VP = ±27 V.
Fig 16. Total harmonic distortion as a function of frequency, SE application with 8
Ω load
001aah202
10−1
10−2
1
THD
(%)
10−3
(2)
(3)
(4)
(1)
f (kHz)
10−2
102
10
10−1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com