Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8591TH Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDF8591TH Datasheet HTML 11Page - NXP Semiconductors TDF8591TH Datasheet HTML 12Page - NXP Semiconductors TDF8591TH Datasheet HTML 13Page - NXP Semiconductors TDF8591TH Datasheet HTML 14Page - NXP Semiconductors TDF8591TH Datasheet HTML 15Page - NXP Semiconductors TDF8591TH Datasheet HTML 16Page - NXP Semiconductors TDF8591TH Datasheet HTML 17Page - NXP Semiconductors TDF8591TH Datasheet HTML 18Page - NXP Semiconductors TDF8591TH Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
TDF8591TH_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 March 2008
15 of 34
NXP Semiconductors
TDF8591TH
2
× 100 W SE (4 Ω) or 1 × 310 W BTL (4 Ω) class-D amplifier
11. Switching characteristics
12. Application information
12.1 BTL application
When using the power amplifier in a mono BTL application the inputs of both channels
must be connected in parallel and the phase of one of the inputs must be inverted (see
Figure 8). The loudspeaker is connected between the outputs of the two single-ended
demodulation filters.
12.2 Output power estimation
The achievable output powers in SE and BTL applications can be estimated using the
following expressions:
SE:
W
BTL:
W
Table 10.
Switching characteristics
VDD = 27 V; Tamb = −40 °C to +85 °C; Tj = −40 °C to +150 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Internal oscillator
fosc
oscillator frequency
typical; Rext(OSC) = 30.0 kΩ
290
310
344
kHz
maximum; Rext(OSC) = 15.4 kΩ
-
560
-
kHz
minimum; Rext(OSC) = 48.9 kΩ
-
200
-
kHz
External oscillator or frequency tracking
VH(OSC)min minimum HIGH-level voltage on pin OSC
referred to SGND
4
-
6
V
VL(OSC)max maximum LOW-level voltage on pin OSC
referred to SGND
0
-
1
V
∆ftrack
tracking frequency range
210
-
600
kHz
Drain source on-state resistance of the output transistors
RDSon(ls)
low-side drain-source on-state resistance
Tj = 85 °C; IDS = 6 A
-
185
205
m
Ω
Tj = 25 °C; IDS = 6 A
-
140
155
m
Ω
RDSon(hs)
high-side drain-source on-state resistance
Tj = 85 °C; IDS = 6 A
-
220
245
m
Ω
Tj = 25 °C; IDS = 6 A
-
160
175
m
Ω
P
o 0.5%
()
R
L
R
L
R
DSon hs
()
R
sL
()
++
------------------------------------------------------
V
P
×
1t
w min
()
–
f
osc
2
----------
×


×


2
2R
L
×
----------------------------------------------------------------------------------------------------------------------------------
=
P
o 0.5%
()
R
L
R
L
R
DSon hs
()
R
DSon ls
()
+
() 2R
sL
()
++
-------------------------------------------------------------------------------------------
2V
P
×
1t
wmin
()
–
f
osc
2
----------
×


×


2
2R
L
×
---------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com