Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8591TH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDF8591TH Datasheet HTML 3Page - NXP Semiconductors TDF8591TH Datasheet HTML 4Page - NXP Semiconductors TDF8591TH Datasheet HTML 5Page - NXP Semiconductors TDF8591TH Datasheet HTML 6Page - NXP Semiconductors TDF8591TH Datasheet HTML 7Page - NXP Semiconductors TDF8591TH Datasheet HTML 8Page - NXP Semiconductors TDF8591TH Datasheet HTML 9Page - NXP Semiconductors TDF8591TH Datasheet HTML 10Page - NXP Semiconductors TDF8591TH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TDF8591TH_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 March 2008
7 of 34
NXP Semiconductors
TDF8591TH
2
× 100 W SE (4 Ω) or 1 × 310 W BTL (4 Ω) class-D amplifier
When the loudspeaker terminals are short-circuited and the OCP is triggered the
TDF8591TH is switched off completely and will try to restart every 100 ms (see Figure 6):
• 50 ms after switch off pin DIAG will be released
• 100 ms after switch off the amplifier will return to mute
• 150 ms after switch off the amplifier will return to operation. If the short-circuit
condition is still present after this time this cycle will be repeated. The average
dissipation will be low because of the small duty cycle
A short-circuit of the loudspeaker terminals to one of the supply lines will also trigger the
activation of the OCP and the amplifier will shut down. During restart the window
protection will be activated. As a result the amplifier will not start up after 100 ms and pin
DIAG will remain LOW until the short-circuit to the supply lines is removed.
Fig 5.
Pin DIAG with activated current limiting
Fig 6.
Restart of the TDF8591TH
001aad838
≈ VSSA + 8 V
Ch1 mean
5.03 V
M 20.0 ms
A Ch1 ~ 1.28 V
≈ VSSA + 2 V
VSSA
τ
001aah365
input voltage
current in the
short-circuit
(between the
speaker terminals)
PWM output
pin DIAG
50 ms
50.0 V
∼
5.00 V
Ω
Ch2
Ch4
500 mV
Ch3
1.80 V
10.0 V
M 25.0 ms
Ch1
Ch3
2
3
1
4
50 ms
50 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com