Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB1Y0 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST7LNB1Y0
Description  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 2Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 3Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 4Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 5Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 6Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 7Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 8Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 9Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Pin description
ST7LNB1Y0
6/36
1
Pin description
Figure 2.
SO16 narrow pinout
1.
NC = Not Connected
See Table 2 for a description of the pin functions.
Table 2.
Pin functions
Pin number
Function
name
Function description
SO16
1VSS
Ground
2VDD
Power Supply (+5 volts)
3
RESET
Reset (active low) input
4
DTX
DiSEqC data transmit output
5DRX1(1)
1.
If only one input is required by the application, DRX1 must be used by default.
DiSEqC-ST(2) and legacy DiSEqC(3) 1.0 data receive input
2.
DiSEqC-ST: special DiSEqC command set for SaTCRs control (refer to Section 3.2 for more details).
3.
DiSEqC 1.0: refer to Section 3.3.
6
DRX2
DiSEqC-ST data receive input and DiSEqC- 1.0 with 13 to 18V
transition (if a DiSEqC- command is sent before on DRX1)
7,8
-
Not used (4)
4.
Unused pins must be tied to ground.
9SDA4 / MAT4
I2C data line 4 / legacy matrix control line 4
10
SCL4 / MAT3(5)
5.
During normal operation this pin must not be pulled-down.
I2C clock line 4 / legacy matrix control line 3
11
SDA3 / MAT2
I2C data line 3 / legacy matrix control line 2
12
SCL3 / MAT1
I2C clock line 3 / legacy matrix control line 1
13
SDA2
I2C data line 2
14
SCL2
I2C clock line 2
15
SDA1
I2C data line 1
16
SCL1
I2C clock line 1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VSS
VDD
DTX
NC
NC
DRX2
DRX1
RESET
SCL1
SDA1
SDA4 / MAT4
SCL4 / MAT3
SDA3 / MAT2
SCL3 / MAT1
SDA2
SCL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com