Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB1Y0 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7LNB1Y0
Description  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 7Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 8Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 9Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 10Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 11Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 12Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 13Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 14Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ST7LNB1Y0
Functional description
11/36
Figure 7.
SaTCR control and legacy (wide RF band)
3.2
DiSEqC-ST commands
To control SaTCR based LNBs and switchers, two new DiSEqC commands are used:
●
ODU_SatCR_Op (5Ah): this command is used during LNB or switcher normal
operation.
●
ODU_SatCR_Inst (5Bh): this command is used only during the LNB or switcher
installation.
Both commands frames must have the following DiSEqC format:
Different subcommands are defined, depending on the data bytes which are sent (refer to
Table 6 and Table 7).
ST7LNB1Y0
SaTCR1
Matrix
SaTCR6
DiSEqC 1.0
DRX1
DiSEqC-ST
DRX2
Legacy SaTCR
Table 5.
DiSEqC-ST command format
E0h / E2h(1)
DiSEqC
Slave address
5Ah /5Bh
DATA1
DATA2
1.
All commands accept E0h or E2h framing. Whatever the command, if E2h framing is used, then the MCU sends at least
the response E4h (refer to Section 4.2).
Table 6.
ODU_SaTCR_Op (5Ah)
Sub-command
DATA1
DATA2
Command Description
76
5
4:2
1
0
ODU_ChangeChannel
SaTCR(1)
Feed(2)
Tun[9](3)
Tun[8]
Tun[7:0]
This command is used for the
channel selection.
ODU_PowerOff
SaTCR
0
00h
This command is used to put a
SaTCR in low power mode.
1.
SaTCR: SaTCR number [0 to 7] (refer to Table 3).
2.
Feed: matrix RF input [0 to 7] (refer to Table 9).
3.
Tun[9:0]: tuning word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com