Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB1Y0 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7LNB1Y0
Description  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 10Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 11Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 12Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 13Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 14Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 15Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 16Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 17Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Functional description
ST7LNB1Y0
14/36
Wide RF band
10
none (switcher)
11
10.000 GHz
12
10.200 GHz
13
13.250 GHz
14
13.450 GHz
15 to 1F
not allocated
Table 11.
ST7LNB1Y0 applications
Application
number
(AppliNum)
Application
01
Single SatCR and legacy (standard RF band)
02
Twin SatCR (standard RF band)
03
Twin SatCR and legacy (standard RF band)
04
Quad SatCR (standard RF band)
05
Double Twin SatCR (standard RF band)
06
Twin SatCR (wide RF band)
07
Twin SatCR and legacy (wide RF band)
08
Quad SatCR (wide RF band)
09
8 SatCR (standard RF band)
0Ah
6 SatCR (standard RF band)
0Bh
Quad SatCR and legacy (standard RF band)
0Ch to FFh
TBD(1)
1.
TBD stands for to be defined.
Table 10.
Local oscillator frequencies (continued)
LofreqNum (hex)
Local oscillator frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com