Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB1Y0 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST7LNB1Y0
Description  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 19Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 20Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 21Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 22Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 23Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 24Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 25Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 26Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ST7LNB1Y0
Electrical characteristics
23/36
5.3
Operating conditions
Table 21.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
4.5
5.5
V
TA
Ambient temperature
−40
+85
°C
Table 22.
Operating Conditions with Low Voltage Detector (LVD)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
4.00
4.25
4.50
V
VIT−(LVD)
Reset generation threshold
(VDD fall)
3.80
4.10
4.30
Vhys
LVD voltage threshold
hysteresis
VIT+(LVD)−VIT−(LVD)
200
mV
VtPOR
VDD rise time rate
(1)
1.
Not tested in production. The VDD rise time rate condition is needed to ensure a correct device power-on
and LVD reset. When the VDD slope is outside these values, the LVD may not ensure a proper reset of the
MCU.
20
20000
µs/V
tg(VDD)
Filtered glitch delay on VDD
Not detected by the LVD
150
ns
IDD(LVD) LVD/AVD current consumption
200
µA
Table 23.
Operating conditions with the DiSEqC™ signalling
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fDiSEqC
DiSEqC tone frequency
17.6
22
26.4
kHz
VDiSEqC
DiSEqC tone voltage
100(1)
1.
The MCU is able to detect a DiSEqC signal with an amplitude from 100mV. However it is advised to ensure
a DiSEqC amplitude of at least 150 to 200mV to improve robustness against noise.
650
mVPP
VBackward
13/18 volt backward
compatibility voltage
threshold(2)
2.
In backwards compatible mode, bus DC voltage is compared with 15 V, if it exceeds this voltage then it is
considered as 18 V, otherwise it is considered as 13 V.
15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com