Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB1Y0 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7LNB1Y0
Description  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 28Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 29Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 30Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 31Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 32Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 33Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 34Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 35Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
ST7LNB1Y0
Revision history
35/36
7
Revision history
Table 35.
Document revision history
Date
Revision
Description of Changes
29-Sep-2004
2.0
First release on st.com
10-Nov-2004
3.0
Note added, Section 4.1: Command 0Fh
E2h and E4h framing added for Command 0Dh, Section 4.2:
Command 0Dh
06-Dec-2004
4.0
Changed note 6 and Figure 3
Removed note on page 9.
Changed Table 16: ST7LNB1Y0 EEPROM parameters
28-Jun-2005
5.0
Changed note 4 in Section 1: Pin description
Changed note 5 in Figure 3
Added note 1 to Section 3.2: DiSEqC-ST commands
Changed timing in Figure 8: Signalling of the DiSEqC-ST command
Changed Table 11: ST7LNB1Y0 applications (added application for 0A
and 0B)
Added frequencies in wide band part in Table 10: Local oscillator
frequencies
Changed parameters in Table 16: ST7LNB1Y0 EEPROM parameters
12-Oct-2005
6.0
Changed package name to SO16 NARROW
31-Jan-2006
7.0
Modified notes for Table 23: Operating conditions with the DiSEqC™
signalling related to DiSEqC signal detection levels
Capacitors changed from 100pF to 180pF in Figure 3: ST7LNB1Y0 in
the Twin SaTCR and legacy (standard RF band) application
19-July-2007
8.0
Document reformatted.
QFN20 package removed
Root part number changed from ST7LBN1 to ST7LNB1Y0.
Note 1 removed below Table 30: Output driving current characteristics.
Additional figure added for single-input application of Twin SaTCR
application, Figure 4: ST7LNB1Y0 in the Twin SaTCR application with
one input only.
Thermal characteristics (Section 6.2) and Soldering information
(Section 6.3) updated
Option list updated and reformatted.
ECOPACK package description updated in Section 6.3: Soldering
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com