Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB1Y0 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7LNB1Y0
Description  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 11Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 12Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 13Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 14Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 15Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 16Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 17Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 18Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ST7LNB1Y0
Functional description
15/36
3.3
DiSEqC 1.0 command for legacy support
The DiSEqC 1.0 commands for the control of the legacy are the following:
●
00h: this command is used to restore the backwards compatibility.
●
38h: this command is used to write to port group command.
For application supporting the legacy (except for application 1), the backwards signalling
(13/18 V, 22 kHz tone) is recognized until a valid DiSEqC 1.0 command is detected.
The following table presents the truth table for the legacy commands:
Table 12.
Legacy commands
Command
38h
Equivalent backwards
signalling
Selected feed
Band
Polarity
Satellite
E0 xx 38 F0
13v / 0 kHz
0
Low
Vertical
A
E0 xx 38 F1
13v / 22 kHz
1
High
Vertical
A
E0 xx 38 F2
18v / 0 kHz
2
Low
Horizontal
A
E0 xx 38 F3
18v / 22 kHz
3
High
Horizontal
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com