Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB1Y0 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST7LNB1Y0
Description  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 12Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 13Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 14Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 15Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 16Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 17Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 18Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 19Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ST7LNB1Y0 configuration
ST7LNB1Y0
16/36
4
ST7LNB1Y0 configuration
To configure the ST7LNB1Y0 for the required target application, a dedicated DiSEqC
command is implemented. This configuration is stored in the ST7LNB1Y0 embedded
EEPROM location.
4.1
Command 0Fh
ST7LNB1Y0 devices are shipped to customers with a default parameter value. These
parameters can be updated using a dedicated 0Fh DiSEqC command.
This command has the following format where “data” is the parameter value to be
programmed at the “index” location as shown in Table 16.
Note:
The special command E0 xx 0F FF FF protects the EEPROM data from any subsequent
write access (where xx is the corresponding DiSEqC slave address).
4.2
Command 0Dh
For reading a parameter inside the EEPROM a dedicated 0Dh command has been added.
The command format is described in Table 14, where “index” is the address of the byte to be
read from EEPROM.
The format of the reply frame is given in Table 15, format where “data” is the byte read from
EEPROM.
Timings
The time required to update a byte parameter (write and read operation) is 130 ms, while
the time required to update all parameters is about 3.5 s.
Table 13.
Command 0Fh format
E0h
DiSEqC
slave address
0Fh
index
data
Table 14.
Command 0Dh format
E2h(1)
1.
E2h framing (and E4h response) is supported from version 1.1 of the LNB1 software (previously, the
command 0Dh was implemented with E0h framing and the data response was without E4h framing).
DiSEqC
slave address
0Dh(2)
2.
After the Command 0Dh, there is a delay of 10ms before getting the reply frame.
index
Table 15.
Reply frame format
E4h
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com