Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB1Y0 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST7LNB1Y0
Description  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 25Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 26Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 27Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 28Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 29Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 30Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 31Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 32Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ST7LNB1Y0
Electrical characteristics
29/36
Figure 13.
Typical IPU vs. VDD with VIN=VSS
5.6.2
Output driving current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
0
10
20
30
40
50
60
70
80
90
22 .5
33 .5
4
4.5
55 .5
6
Vdd (V)
T a = 1 40°C
Ta = 9 5 °C
Ta = 2 5 °C
Ta = -4 5 ° C
Table 30.
Output driving current characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 14)
IIO=+5 mA
1.0
V
IIO=+2 mA
0.4
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 15)
IIO=+20 mA
1.3
IIO=+8 mA
0.75
VOH
(2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 16)
IIO=-5 mA
VDD−1.5
IIO=-2 mA
VDD−0.8
1.
The IIO current sunk must always respect the absolute maximum rating specified in Table 19 and the sum of IIO (I/O ports
and control pins) must not exceed IVSS.
2.
The IIO current sourced must always respect the absolute maximum rating specified in Table 19 and the sum of IIO (I/O
ports and control pins) must not exceed IVDD. True open drain I/O pins does not have VOH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com