Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB1Y0 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7LNB1Y0
Description  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 9Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 10Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 11Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 12Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 13Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 14Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 15Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 16Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ST7LNB1Y0
Functional description
13/36
3.2.2
Look up tables
Table 9.
Feeds(1)
1.
Applications supporting legacy are limited to one satellite only (satellite A).
Feed
RF input
Band
Polarization
Satellite
0Low
Vertical
A
1
High
Vertical
A
2
Low
Horizontal
A
3
High
Horizontal
A
4Low
Vertical
B
5
High
Vertical
B
6
Low
Horizontal
B
7
High
Horizontal
B
Table 10.
Local oscillator frequencies
LofreqNum (hex)
Local oscillator frequency
Standard
RF band
00
none
01
Not Known
02
9.750 GHz
03
10.000 GHz
04
10.600 GHz
05
10.750 GHz
06
11.000 GHz
07
11.250 GHz
08
11.475 GHz
09
20.250 GHz
0A
5.150 GHz
0B
1.585 GHz
0C
13.850 GHz
0D
not allocated
0E
not allocated
0F
not allocated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com