Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB1Y0 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7LNB1Y0
Description  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 4Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 5Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 6Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 7Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 8Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 9Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 10Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 11Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Implementation
ST7LNB1Y0
8/36
2.2
Application example
Figure 3 and Figure 4 show example application circuits for the ST7LNB1Y0 with and
without legacy signal.
Figure 3.
ST7LNB1Y0 in the Twin SaTCR and legacy (standard RF band) application
1.
The divider chain connected to the DRX1 and DRX2 pins must have the following resistance values: 330K
Ω and 100 KΩ.
2.
Unused I2C lines (14,13) have to be linked to VCC through 12 KΩ resistors.
3.
RTA-STB: remote tuning able set-top box (STB supporting SaTCR control).
4.
The transistor is optional, it is used for EEPROM parameters bytes reading using DiSEqC.
5.
During normal operation this pin must not be pulled-down.
6.
When the LVD is enabled (default state), it is mandatory not to connect a pull-up resistor. A 10 nF pull-down capacitor is
recommended to filter noise on the reset line.
VSS
VDD
RESET
DTX
DRX1
DRX2
NC
NC
SCL1
SDA1
SCL2
SDA2
SCL3
SDA3
SCL4
SDA4
RTA-STB input
100 K
330 K
Legacy or RTA-STB input (3)
100 K
330 K
180 pF
SaTCR2
SaTCR1
ST7LNB1Y0
VCC
VCC
33
BC547
220
100 nF
180 F
100 nF
Legacy
OPTIONAL
matrix control
12 K
12 K
12 K
12 K
0.01 µF(6)
(5)
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com