Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB1Y0 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST7LNB1Y0
Description  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 13Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 14Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 15Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 16Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 17Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 18Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 19Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 20Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ST7LNB1Y0
ST7LNB1Y0 configuration
17/36
Table 16.
ST7LNB1Y0 EEPROM parameters
Index
Parameter
Description
Default
value
00
Slave Address
DiSEqC slave address(1)
11h
01
SaTCR1 BPF (lsb)
(2)
5Dh
02
SaTCR1 BPF (msb)
02h
03
SaTCR2 BPF (lsb)
C6h
04
SaTCR2BPF (msb)
02h
05
SaTCR3 BPF (lsb)
48h
06
SaTCR3 BPF (msb)
03h
07
SaTCR4 BPF (lsb)
FCh
08
SaTCR4 BPF (msb)
03h
09
SaTCR5 BPF (lsb)
FFh
0A
SaTCR5BPF (msb)
FFh
0B
SaTCR6 BPF (lsb)
FFh
0C
SaTCR6 BPF (msb)
FFh
0D
SaTCR7 BPF(lsb) / legacy SaTCR Low band (msb)
(3)
FFh
0E
SaTCR7 BPF(msb) / legacy SaTCR Low band (lsb)
FFh
0F
SaTCR8 BPF(lsb) / legacy SaTCR High band (msb)
FFh
10
SaTCR8 BPF(msb) / legacy SaTCR High band (lsb)
FFh
11
Applitype
Application type number (refer to Table 4)
00h
12
AppliNum
Application number (refer to Table 11)
04h
13
High L.O freq Number
refer to Table 10
04h
14
Low L.O freq Number
refer to Table 10
02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com