Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB1Y0 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST7LNB1Y0
Description  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 28Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 29Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 30Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 31Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 32Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 33Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 34Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 35Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Package characteristics
ST7LNB1Y0
34/36
ST7LNB1Y0 DiSEqC™ SLAVE MICROCONTROLLER OPTION LIST
(Last update: July 2007)
Customer
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
- Package (tick one box)
ST7LNB1Y0M6 - SO16 narrow (16 pin)
[ ]
- EEPROM Parameters (any modified default settings [DEF] should be written in the Custom boxes
[CUST])
INDEX PARAMETER
DEF
CUST
INDEX
PARAMETER
DEF
CUST
00
Slave Address
11h
[
h]
11
Applitype
00h
[
h]
01
SaTCR1 BPF (lsb)
5Dh
[
h]
12
AppliNum
04h
[
h]
02
SaTCR1 BPF (msb)
02h
[
h]
13
High L.O freq Number
04h
[
h]
03
SaTCR2 BPF (lsb)
C6h
[
h]
14
Low L.O freq Number
02h
[
h]
04
SaTCR2BPF (msb)
02h
[
h]
15
SaTCR1 matrix truth table
ACh
[
h]
16
35h
[
h]
05
SaTCR3 BPF (lsb)
48h
[
h]
17
SaTCR2 matrix truth table
59h
[
h]
06
SaTCR3 BPF (msb)
03h
[
h]
18
6Ah
[
h]
07
SaTCR4 BPF (lsb)
FCh
[
h]
19
SaTCR3 matrix truth table
56h
[
h]
1A
9Ah
[
h]
08
SaTCR4 BPF (msb)
03h
[
h]
1B
SaTCR4 matrix truth table
95h
[
h]
09
SaTCR5 BPF (lsb)
FFh
[
h]
1C
A6h
[
h]
0A
SaTCR5BPF (msb)
FFh
[
h]
1D
SaTCR5 matrix truth table
FFh
[
h]
1E
FFh
[
h]
0B
SaTCR6 BPF (lsb)
FFh
[
h]
1F
SaTCR6 matrix truth table
FFh
[
h]
0C
SaTCR6 BPF (msb)
FFh
[
h]
20
FFh
[
h]
0D
SaTCR7 BPF(lsb)/Legacy
21
SaTCR7 matrix truth table
FFh
[
h]
SaTCR Low band(msb) FFh
[
h]
22
FFh
[
h]
0E
SaTCR7 BPF(msb)/Legacy
23
SaTCR8 matrix truth table/ FFh
[
h]
SaTCR Low band (lsb)
FFh
[
h]
24
Legacy matrix
FFh
[
h]
0F
SaTCR8 BPF(lsb)/Legacy
25
SaTCRs GAIN
FFh
[
h]
SaTCR High band (msb)FFh
[
h]
26
FFh
[
h]
10
SaTCR8 BPF(msb)/Legacy
27
SaTCRs number
04h
[
h]
SaTCR High band (lsb) FFh
[
h]
(Please refer to Table 16 in the datasheet for full descriptions and notes of EEPROM Parameters)
Customer
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Please download the latest version of this option list from:
http://www.st.com/mcu > downloads > ST7 microcontrollers > Option list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com