Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 50Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 51Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 52Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 53Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 54Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 55Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 56Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 57Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
Electrical characteristics
STM32F103x8, STM32F103xB
54/96
Doc ID 13587 Rev 12
5.3.8
PLL characteristics
The parameters given in Table 27 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 9.
5.3.9
Memory characteristics
Flash memory
The characteristics are given at TA = –40 to 105 °C unless otherwise specified.
Table 26.
Low-power mode wakeup timings
Symbol
Parameter
Typ
Unit
tWUSLEEP
(1)
1.
The wakeup times are measured from the wakeup event to the point in which the user application code
reads the first instruction.
Wakeup from Sleep mode
1.8
µs
tWUSTOP
(1)
Wakeup from Stop mode (regulator in run mode)
3.6
µs
Wakeup from Stop mode (regulator in low power
mode)
5.4
tWUSTDBY
(1)
Wakeup from Standby mode
50
µs
Table 27.
PLL characteristics
Symbol
Parameter
Value
Unit
Min(1)
1.
Based on characterization, not tested in production.
Typ
Max(1)
fPLL_IN
PLL input clock(2)
2.
Take care of using the appropriate multiplier factors so as to have PLL input clock values compatible with
the range defined by fPLL_OUT.
18.0
25
MHz
PLL input clock duty cycle
40
60
%
fPLL_OUT
PLL multiplier output clock
16
72
MHz
tLOCK
PLL lock time
200
µs
Jitter
Cycle-to-cycle jitter
300
ps
Table 28.
Flash memory characteristics
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit
tprog
16-bit programming time
TA–40 to +105 °C
40
52.5
70
µs
tERASE Page (1 KB) erase time
TA –40 to +105 °C
20
40
ms
tME
Mass erase time
TA –40 to +105 °C
20
40
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com