Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 60Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 61Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 62Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 63Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 64Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 65Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 66Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 67Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
Electrical characteristics
STM32F103x8, STM32F103xB
64/96
Doc ID 13587 Rev 12
Figure 30.
Recommended NRST pin
protection
2.
The reset network protects the device against parasitic resets.
3.
The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 37. Otherwise the reset will not be taken into account by the device.
5.3.14
TIM timer characteristics
The parameters given in Table 38 are guaranteed by design.
Refer to Section 5.3.12: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
ai14132d
STM32F10x
RPU
NRST(2)
VDD
Filter
Internal reset
0.1 µF
External
reset circuit(1)
Table 38.
TIMx(1) characteristics
1.
TIMx is used as a general term to refer to the TIM1, TIM2, TIM3 and TIM4 timers.
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
1
tTIMxCLK
fTIMxCLK = 72 MHz
13.9
ns
fEXT
Timer external clock
frequency on CH1 to CH4
0
fTIMxCLK/2
MHz
fTIMxCLK = 72 MHz
036
MHz
ResTIM
Timer resolution
16
bit
tCOUNTER
16-bit counter clock period
when internal clock is
selected
1
65536
tTIMxCLK
fTIMxCLK = 72 MHz 0.0139
910
µs
tMAX_COUNT Maximum possible count
65536 × 65536
tTIMxCLK
fTIMxCLK = 72 MHz
59.6
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com