Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 33Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 34Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 35Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 36Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 37Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 38Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 39Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 40Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
STM32F103x8, STM32F103xB
Electrical characteristics
Doc ID 13587 Rev 12
37/96
5.3.2
Operating conditions at power-up / power-down
Subject to general operating conditions for TA.
Table 10.
Operating conditions at power-up / power-down
5.3.3
Embedded reset and power control block characteristics
The parameters given in Table 11 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 9.
PD
Power dissipation at TA = 85 °C
for suffix 6 or TA = 105 °C for
suffix 7(3)
LFBGA100
454
mW
LQFP100
434
TFBGA64
308
LQFP64
444
LQFP48
363
VFQFPN36
1110
TA
Ambient temperature for 6
suffix version
Maximum power dissipation
–40
85
°C
Low power dissipation(4)
–40
105
Ambient temperature for 7
suffix version
Maximum power dissipation
–40
105
°C
Low power dissipation(4)
–40
125
TJ
Junction temperature range
6 suffix version
–40
105
°C
7 suffix version
–40
125
1.
When the ADC is used, refer to Table 45: ADC characteristics.
2.
It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV
between VDD and VDDA can be tolerated during power-up and operation.
3.
If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Table 6.2: Thermal
characteristics on page 86).
4.
In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see
Table 6.2: Thermal characteristics on page 86).
Table 9.
General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
0
µs/V
VDD fall time rate
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com