Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 35Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 36Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 37Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 38Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 39Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 40Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 41Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 42Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
STM32F103x8, STM32F103xB
Electrical characteristics
Doc ID 13587 Rev 12
39/96
5.3.4
Embedded reference voltage
The parameters given in Table 12 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 9.
5.3.5
Supply current characteristics
The current consumption is a function of several parameters and factors such as the
operating voltage, ambient temperature, I/O pin loading, device software configuration,
operating frequencies, I/O pin switching rate, program location in memory and executed
binary code.
The current consumption is measured as described in Figure 14: Current consumption
measurement scheme.
All Run-mode current consumption measurements given in this section are performed with a
reduced code that gives a consumption equivalent to Dhrystone 2.1 code.
Maximum current consumption
The MCU is placed under the following conditions:
●
All I/O pins are in input mode with a static value at VDD or VSS (no load)
●
All peripherals are disabled except when explicitly mentioned
●
The Flash memory access time is adjusted to the fHCLK frequency (0 wait state from 0
to 24 MHz, 1 wait state from 24 to 48 MHz and 2 wait states above)
●
Prefetch in ON (reminder: this bit must be set before clock setting and bus prescaling)
●
When the peripherals are enabled fPCLK1 = fHCLK/2, fPCLK2 = fHCLK
The parameters given in Table 13, Table 14 and Table 15 are derived from tests performed
under ambient temperature and VDD supply voltage conditions summarized in Table 9.
Table 12.
Embedded internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltage
–40 °C < TA < +105 °C 1.16
1.20
1.26
V
–40 °C < TA < +85 °C
1.16
1.20
1.24
V
TS_vrefint
(1)
1.
Shortest sampling time can be determined in the application by multiple iterations.
ADC sampling time when
reading the internal reference
voltage
5.1
17.1(2)
2.
Guaranteed by design, not tested in production.
µs
VRERINT
(2)
Internal reference voltage
spread over the temperature
range
VDD = 3 V ±10 mV
10
mV
TCoeff
(2)
Temperature coefficient
100
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com