Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 54Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 55Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 56Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 57Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 58Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 59Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 60Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 61Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
Electrical characteristics
STM32F103x8, STM32F103xB
58/96
Doc ID 13587 Rev 12
5.3.12
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 34 are derived from tests
performed under the conditions summarized in Table 9. All I/Os are CMOS and TTL
compliant.
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 25 and Figure 26 for standard I/Os, and
in Figure 27 and Figure 28 for 5 V tolerant I/Os.
Table 34.
I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Standard I/O input low level
voltage
–0.5
0.28 (VDD–2)+0.8
V
I/O FT(1) input low level voltage
–0.5
0.32 (VDD–2)+0.75
VIH
Standard I/O input high level
voltage
0.41 (VDD–2)+1.3
VDD+0.5
I/O FT(1) input high level voltage
0.42 (VDD–2)+1
5.5
Vhys
Standard IO Schmitt trigger
voltage hysteresis(2)
200
mV
IO FT Schmitt trigger voltage
hysteresis(2)
5% VDD
(3)
mV
Ilkg
Input leakage current (4)
VSS VIN VDD
Standard I/Os
1
µA
VIN= 5 V
I/O FT
3
RPU
Weak pull-up equivalent
resistor(5)
VIN VSS
30
40
50
k
RPD
Weak pull-down equivalent
resistor(5)
VIN VDD
30
40
50
k
CIO
I/O pin capacitance
5
pF
1.
FT = 5V tolerant. To sustain a voltage higher than VDD+0.5 the internal pull-up/pull-down resistors must be disabled.
2.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization, not tested in production.
3.
With a minimum of 100 mV.
4.
Leakage could be higher than max. if negative current is injected on adjacent pins.
5.
Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
MOS/NMOS contribution to the series resistance is minimum (~10% order)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com