Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 88Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 89Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 90Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 91Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 92Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 93Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 94Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 95Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 96Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 93 / 96 page
background image
STM32F103x8, STM32F103xB
Revision history
Doc ID 13587 Rev 12
93/96
14-Mar-2008
5
Figure 2: Clock tree on page 12 added.
Maximum TJ value given in Table 8: Thermal characteristics on
page 36.
CRC feature added (see CRC (cyclic redundancy check) calculation
unit on page 9 and Figure 10: Memory map on page 32 for address).
IDD modified in Table 16: Typical and maximum current consumptions in
Stop and Standby modes.
ACCHSI modified in Table 24: HSI oscillator characteristics on page 53,
note 2 removed.
PD, TA and TJ added, tprog values modified and tprog description clarified
in Table 28: Flash memory characteristics on page 54.
tRET modified in Table 29: Flash memory endurance and data retention.
VNF(NRST) unit corrected in Table 37: NRST pin characteristics on
page 63.
Table 41: SPI characteristics on page 67 modified.
IVREF added to Table 45: ADC characteristics on page 71.
Table 47: ADC accuracy - limited test conditions added. Table 48: ADC
accuracy modified.
LQFP100 package specifications updated (see Section 6: Package
characteristics on page 76).
Recommended LQFP100, LQFP 64, LQFP48 and VFQFPN36
footprints added (see Figure 47, Figure 49, Figure 53 and Figure 41).
Section 6.2: Thermal characteristics on page 86 modified,
Section 6.2.1 and Section 6.2.2 added.
Appendix A: Important notes on page 81 removed.
21-Mar-2008
6
Small text changes. Figure 10: Memory map clarified.
In Table 29: Flash memory endurance and data retention:
–NEND tested over the whole temperature range
– cycling conditions specified for tRET
–tRET min modified at TA = 55 °C
V25, Avg_Slope and TL modified in Table 49: TS characteristics.
CRC feature removed.
22-May-2008
7
CRC feature added back. Small text changes. Section 1: Introduction
modified. Section 2.2: Full compatibility throughout the family added.
IDD at TA max = 105 °C added to Table 16: Typical and maximum
current consumptions in Stop and Standby modes on page 43.
IDD_VBAT removed from Table 21: Typical current consumption in
Standby mode on page 47.
Values added to Table 40: SCL frequency (fPCLK1= 36 MHz.,VDD = 3.3
V) on page 66.
Figure 32: SPI timing diagram - slave mode and CPHA = 0 on page 68
modified. Equation 1 corrected.
tRET at TA = 105 °C modified in Table 29: Flash memory endurance and
data retention on page 55.
VUSB added to Table 43: USB DC electrical characteristics on page 70.
Figure 54: LQFP100 PD max vs. TA on page 88 modified.
Axx option added to Table 58: Ordering information scheme on
page 89.
Table 59.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com