Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 31Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 32Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 33Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 34Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 35Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 36Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 37Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 38Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
STM32F103x8, STM32F103xB
Electrical characteristics
Doc ID 13587 Rev 12
35/96
5.1.7
Current consumption measurement
Figure 14.
Current consumption measurement scheme
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 6: Voltage characteristics,
Table 7: Current characteristics, and Table 8: Thermal characteristics may cause permanent
damage to the device. These are stress ratings only and functional operation of the device
at these conditions is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ai14126
VBAT
VDD
VDDA
IDD_VBAT
IDD
Table 6.
Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD–VSS
External main supply voltage (including VDDA
and VDD)
(1)
1.
All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
–0.3
4.0
V
VIN
Input voltage on five volt tolerant pin(2)
2.
IINJ(PIN) must never be exceeded (see Table 7: Current characteristics). This is implicitly insured if VIN
maximum is respected. If VIN maximum cannot be respected, the injection current must be limited
externally to the IINJ(PIN) value. A positive injection is induced by VIN> VINmax while a negative injection is
induced by VIN < VSS.
VSS  0.3
+5.5
Input voltage on any other pin(2)
VSS 0.3
VDD+0.3
|
V
DDx|
Variations between different VDD power pins
50
mV
|VSSX VSS| Variations between all the different ground pins
50
VESD(HBM)
Electrostatic discharge voltage (human body
model)
see Section 5.3.11:
Absolute maximum ratings
(electrical sensitivity)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com