Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 58Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 59Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 60Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 61Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 62Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 63Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 64Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 65Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 96 page
background image
Electrical characteristics
STM32F103x8, STM32F103xB
62/96
Doc ID 13587 Rev 12
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 29 and
Table 36, respectively.
Unless otherwise specified, the parameters given in Table 36 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 9.
Table 36.
I/O AC characteristics(1)
1.
The I/O speed is configured using the MODEx[1:0] bits. Refer to the STM32F10xxx reference manual for a
description of GPIO Port configuration register.
MODEx[1:0]
bit value(1)
Symbol
Parameter
Conditions
Min
Max
Unit
10
fmax(IO)out Maximum frequency
(2)
2.
The maximum frequency is defined in Figure 29.
CL = 50 pF, VDD = 2 V to 3.6 V
2
MHz
tf(IO)out
Output high to low
level fall time
CL = 50 pF, VDD = 2 V to 3.6 V
125(3)
3.
Guaranteed by design, not tested in production.
ns
tr(IO)out
Output low to high
level rise time
125(3)
01
fmax(IO)out Maximum frequency
(2) C
L = 50 pF, VDD = 2 V to 3.6 V
10
MHz
tf(IO)out
Output high to low
level fall time
CL = 50 pF, VDD = 2 V to 3.6 V
25(3)
ns
tr(IO)out
Output low to high
level rise time
25(3)
11
Fmax(IO)out Maximum frequency
(2)
CL = 30 pF, VDD = 2.7 V to 3.6 V
50
MHz
CL = 50 pF, VDD = 2.7 V to 3.6 V
30
MHz
CL = 50 pF, VDD = 2 V to 2.7 V
20
MHz
tf(IO)out
Output high to low
level fall time
CL = 30 pF, VDD = 2.7 V to 3.6 V
5(3)
ns
CL = 50 pF, VDD = 2.7 V to 3.6 V
8(3)
CL = 50 pF, VDD = 2 V to 2.7 V
12(3)
tr(IO)out
Output low to high
level rise time
CL = 30 pF, VDD = 2.7 V to 3.6 V
5(3)
CL = 50 pF, VDD = 2.7 V to 3.6 V
8(3)
CL = 50 pF, VDD = 2 V to 2.7 V
12(3)
-tEXTIpw
Pulse width of
external signals
detected by the EXTI
controller
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com