Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 79Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 80Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 81Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 82Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 83Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 84Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 85Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 86Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
STM32F103x8, STM32F103xB
Package characteristics
Doc ID 13587 Rev 12
83/96
Figure 50.
TFBGA64 - 8 x 8 active ball array, 5 x 5 mm, 0.5 mm pitch, package outline
1.
Drawing is not to scale.
Table 55.
TFBGA64 - 8 x 8 active ball array, 5 x 5 mm, 0.5 mm pitch, package
mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
1.200
0.0472
A1
0.150
0.0059
A2
0.785
0.0309
A3
0.200
0.0079
A4
0.600
0.0236
b
0.250
0.300
0.350
0.0098
0.0118
0.0138
D
4.850
5.000
5.150
0.1909
0.1969
0.2028
D1
3.500
0.1378
E
4.850
5.000
5.150
0.1909
0.1969
0.2028
E1
3.500
0.1378
e
0.500
0.0197
F
0.750
0.0295
ddd
0.080
0.0031
eee
0.150
0.0059
fff
0.050
0.0020
A3
A4
A2
A1
A
Seating
plane
B
A
D
D1
e
F
F
E1
E
e
H
G
F
E
D
C
B
A
12
3
4567
8
A1 ball pad corner
Øb (64 balls)
Bottom view
C
ME_R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com