Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 61Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 62Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 63Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 64Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 65Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 66Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 67Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 68Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
STM32F103x8, STM32F103xB
Electrical characteristics
Doc ID 13587 Rev 12
65/96
5.3.15
Communications interfaces
I
2C interface characteristics
Unless otherwise specified, the parameters given in Table 39 are derived from tests
performed under the ambient temperature, fPCLK1 frequency and VDD supply voltage
conditions summarized in Table 9.
The STM32F103xx performance line I
2C interface meets the requirements of the standard
I
2C communication protocol with the following restrictions: the I/O pins SDA and SCL are
mapped to are not “true” open-drain. When configured as open-drain, the PMOS connected
between the I/O pin and VDD is disabled, but is still present.
The I
2C characteristics are described in Table 39. Refer also to Section 5.3.12: I/O port
characteristics for more details on the input/output alternate function characteristics (SDA
and SCL).
Table 39.
I2C characteristics
Symbol
Parameter
Standard mode I2C(1)
1.
Guaranteed by design, not tested in production.
Fast mode I2C(1)(2)
2.
fPCLK1 must be higher than 2 MHz to achieve standard mode I
2C frequencies. It must be higher than
4 MHz to achieve fast mode I2C frequencies. It must be a multiple of 10 MHz to reach the 400 kHz
maximum I2C fast mode clock.
Unit
Min
Max
Min
Max
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0(3)
3.
The maximum hold time of the Start condition has only to be met if the interface does not stretch the low
period of SCL signal.
0(4)
4.
The device must internally provide a hold time of at least 300ns for the SDA signal in order to bridge the
undefined region of the falling edge of SCL.
900(3)
tr(SDA)
tr(SCL)
SDA and SCL rise time
1000
20 + 0.1Cb
300
tf(SDA)
tf(SCL)
SDA and SCL fall time
300
300
th(STA)
Start condition hold time
4.0
0.6
µs
tsu(STA)
Repeated Start condition
setup time
4.7
0.6
tsu(STO)
Stop condition setup time
4.0
0.6
s
tw(STO:STA)
Stop to Start condition time
(bus free)
4.7
1.3
s
Cb
Capacitive load for each bus
line
400
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com