Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 88Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 89Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 90Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 91Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 92Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 93Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 94Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 95Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 96Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
STM32F103x8, STM32F103xB
Revision history
Doc ID 13587 Rev 12
95/96
23-Apr-2009
10
I/O information clarified on page 1.
Figure 3: STM32F103xx performance line LFBGA100 ballout modified.
Figure 10: Memory map modified. Table 4: Timer feature comparison
added.
PB4, PB13, PB14, PB15, PB3/TRACESWO moved from Default
column to Remap column in Table 5: Medium-density STM32F103xx
pin definitions.
PD for LFBGA100 corrected in Table 9: General operating conditions.
Note modified in Table 13: Maximum current consumption in Run
mode, code with data processing running from Flash and Table 15:
Maximum current consumption in Sleep mode, code running from
Flash or RAM.
Table 20: High-speed external user clock characteristics and Table 21:
Low-speed external user clock characteristics modified.
Figure 19 shows a typical curve (title modified). ACCHSI max values
modified in Table 24: HSI oscillator characteristics.
TFBGA64 package added (see Table 55 and Table 50). Small text
changes.
22-Sep-2009
11
Note 5 updated and Note 4 added in Table 5: Medium-density
STM32F103xx pin definitions.
VRERINT and TCoeff added to Table 12: Embedded internal reference
voltage. IDD_VBAT value added to Table 16: Typical and maximum
current consumptions in Stop and Standby modes. Figure 17: Typical
current consumption on VBAT with RTC on versus temperature at
different VBAT values added.
fHSE_ext min modified in Table 20: High-speed external user clock
characteristics.
CL1 and CL2 replaced by C in Table 22: HSE 4-16 MHz oscillator
characteristics and Table 23: LSE oscillator characteristics (fLSE =
32.768 kHz), notes modified and moved below the tables. Table 24: HSI
oscillator characteristics modified. Conditions removed from Table 26:
Low-power mode wakeup timings.
Note 1 modified below Figure 23: Typical application with an 8 MHz
crystal.
IEC 1000 standard updated to IEC 61000 and SAE J1752/3 updated to
IEC 61967-2 in Section 5.3.10: EMC characteristics on page 55.
Jitter added to Table 27: PLL characteristics.
Table 41: SPI characteristics modified.
CADC and RAIN parameters modified in Table 45: ADC characteristics.
RAIN max values modified in Table 46: RAIN max for fADC = 14 MHz.
Figure 44: LFBGA100 - 10 x 10 mm low profile fine pitch ball grid array
package outline updated.
03-Jun-2010
12
Added STM32F103TB devices.
Added VFQFPN48 package.
Updated note 2 below Table 39: I2C characteristics
Updated Figure 31: I2C bus AC waveforms and measurement circuit
Updated Figure 30: Recommended NRST pin protection
Updated Section 5.3.12: I/O port characteristics
Table 59.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com