Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8U7XXX Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32F103C8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7XXX Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32F103C8U7XXX Datasheet HTML 59Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 60Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 61Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 62Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 63Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 64Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 65Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 66Page - STMicroelectronics STM32F103C8U7XXX Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
STM32F103x8, STM32F103xB
Electrical characteristics
Doc ID 13587 Rev 12
63/96
Figure 29.
I/O AC characteristics definition
5.3.13
NRST pin characteristics
The NRST pin input driver uses CMOS technology. It is connected to a permanent pull-up
resistor, RPU (see Table 34).
Unless otherwise specified, the parameters given in Table 37 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 9.
ai14131
10%
90%
50%
tr(IO)out
OUTPUT
EXT ERNAL
ON 50pF
Maximum fr equency is achieved if (tr + tf) 2/3)T and if the duty cycle is (45-55%)
10%
50%
90%
when loaded by 50pF
T
tr(IO)out
Table 37.
NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)
(1)
1.
Guaranteed by design, not tested in production.
NRST Input low level voltage
–0.5
0.8
V
VIH(NRST)
(1)
NRST Input high level voltage
2
VDD+0.5
Vhys(NRST)
NRST Schmitt trigger voltage
hysteresis
200
mV
RPU
Weak pull-up equivalent resistor(2)
2.
The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution
to the series resistance must be minimum
(~10% order)
.
VIN VSS
30
40
50
k
VF(NRST)
(1)
NRST Input filtered pulse
100
ns
VNF(NRST)
(1)
NRST Input not filtered pulse
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com