Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1136NM Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LA1136NM Datasheet HTML 8Page - Sanyo Semicon Device LA1136NM Datasheet HTML 9Page - Sanyo Semicon Device LA1136NM Datasheet HTML 10Page - Sanyo Semicon Device LA1136NM Datasheet HTML 11Page - Sanyo Semicon Device LA1136NM Datasheet HTML 12Page - Sanyo Semicon Device LA1136NM Datasheet HTML 13Page - Sanyo Semicon Device LA1136NM Datasheet HTML 14Page - Sanyo Semicon Device LA1136NM Datasheet HTML 15Page - Sanyo Semicon Device LA1136NM Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LA1136N, LA1137N Usage Notes
1.
Do not connect the antenna alignment circuit and local oscillation circuit.
2.
The coils should be specified to obtain an output level of –25 dBm (43.6 mVrms) for the given input levels shown below,
and under the conditions fm = 400 Hz, 30% modulation and fOSC = 1.45 MHz.
Antenna input
20.0 dBµ (Note)
Mixer input
30.5 dBµ
IF input
38.0 dBµ
Detector input
106.0 dBµ
Input connections
Note : The antenna input can be adjusted by changing the number of turns in the primary winding of the alignment coil in
accordance with the AGC figure-of-merit.
3. Coil Design Notes
(1) RF alignment coil
.
Gain adjustment: The gain is adjusted by varying the primary turns ratio of the primary coil.
.
Coupling: The design of this coil is geared towards critical coupling.
The coupling is dependent on the turns ratio of the primary coil and the secondary coil:
Tight coupling: High turns ratio
Loose coupling: Low turns ratio
.
With tight coupling, the selectivity characteristic develops a double hump; when making a tracking adjustment, it must
be noted that misadjustment can occur, leading to a deterioration of the dual signal characteristics.
.
With loose coupling, selectivity increases, but the sensitivity error within the band of the RF alignment itself also
increases.
During design, be certain to confirm data such as that for coil specifications. Furthermore, it is also necessary to note that
although the turns ratio of the primary and secondary coils have the greatest bearing on coupling, the shape of the coil core
and the manner in which the coil is wound also have an impact.
Mixer input
Antenna input
Detector input
IF input
V12 = 0 for LA1136N
Unit (resistance:
Ω, capacitance: F)
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-12/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com