Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1136NM Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA1136NM Datasheet HTML 1Page - Sanyo Semicon Device LA1136NM Datasheet HTML 2Page - Sanyo Semicon Device LA1136NM Datasheet HTML 3Page - Sanyo Semicon Device LA1136NM Datasheet HTML 4Page - Sanyo Semicon Device LA1136NM Datasheet HTML 5Page - Sanyo Semicon Device LA1136NM Datasheet HTML 6Page - Sanyo Semicon Device LA1136NM Datasheet HTML 7Page - Sanyo Semicon Device LA1136NM Datasheet HTML 8Page - Sanyo Semicon Device LA1136NM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Package Dimensions
unit : mm
3067-DIP24S
[LA1136N]
SANYO : DIP24S
unit : mm
3021B-DIP20S
[LA1137N]
SANYO : DIP20Slim
unit : mm
3112-MFP24S
[LA1136NM]
SANYO : MFP24S
unit : mm
3036B-MFP20
[LA1137NM]
SANYO : MFP20
Ambient temperature, Ta – °C
Mounted on 20
× 40 × 1.5 mm PCB
Independent IC
Ambient temperature, Ta – °C
Pd max–Ta
Pdmax–Ta
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-2/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com