Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1136NM Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LA1136NM Datasheet HTML 9Page - Sanyo Semicon Device LA1136NM Datasheet HTML 10Page - Sanyo Semicon Device LA1136NM Datasheet HTML 11Page - Sanyo Semicon Device LA1136NM Datasheet HTML 12Page - Sanyo Semicon Device LA1136NM Datasheet HTML 13Page - Sanyo Semicon Device LA1136NM Datasheet HTML 14Page - Sanyo Semicon Device LA1136NM Datasheet HTML 15Page - Sanyo Semicon Device LA1136NM Datasheet HTML 16Page - Sanyo Semicon Device LA1136NM Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
(2) Oscillator coil
The oscillator for LA1136N and LA1137N can operate up to 100 MHz. Stray capacitance resulting from poor oscillator coil
design can cause antiresonance in the range 50 to 100 MHz. This results inparasitic oscillations at the local-oscillator buffer
output, which can prevent the PLL from locking.
Countermeasure
1 Reduce the oscillator coil stray capacitance (tapping is recommended)
2 Connect a capacitor of 43 pF or greater between OSC BUFF (Pin 24 for LA1136N, and Pin 20 for LA1137N) and GND.
(3) IF tank coil
LA1136N Pin 13 load coil
LA1137N Pin 10 load coil
The IF tank coil connected to IF OUT has different specifications to that of the LA1135. The detector input impedance of the
LA1135 is low, therefore for a QO of 70 to 80, the QL was 20 to 30. The detector input impedances of the LA1136N and
LA1137N are higher. This means that the QO and QL of the tank coil are approximately the same. A coil with a QO of
approximately 30 is recommended.
4.
Recommended Coil Specifications
(1) RF alignment coil
Parasitic oscillations in the 50 to
100 MHz region
Required local
oscillator signal
Primary coil
Secondary coil
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-13/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com