Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1136NM Datasheet(PDF) 22 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 22 Page - Sanyo Semicon Device

Back Button LA1136NM Datasheet HTML 18Page - Sanyo Semicon Device LA1136NM Datasheet HTML 19Page - Sanyo Semicon Device LA1136NM Datasheet HTML 20Page - Sanyo Semicon Device LA1136NM Datasheet HTML 21Page - Sanyo Semicon Device LA1136NM Datasheet HTML 22Page - Sanyo Semicon Device LA1136NM Datasheet HTML 23Page - Sanyo Semicon Device LA1136NM Datasheet HTML 24Page - Sanyo Semicon Device LA1136NM Datasheet HTML 25Page - Sanyo Semicon Device LA1136NM Datasheet HTML 26Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
17. Preventing Incorrect RF AGC time-constant switching, Seek Operation
These tuners incorporate various circuits that serve to prevent incorrect stops during seek operation. A summary of the RF
amplifiers is provided below.
(1) Incorrect stops during RF AGC, and other problems
1 The RF AGC response time can cause incorrect seek and stop operation when moving from a weak-signal station to a
strong-signal station. When seek operation starts from a strong station, the tuner can overshoot an adjacent weak station if
the AGC time constant is too high.
2 If the wideband AGC ON level is too high, the varactor diodes can generate cross-modulation distortion causing incorrect
seek operation.
3 Input FETs with high I
DSS, required for correct seek and stop operation, are difficult to drive.
(2) Countermeasures
Countermeasure for problem 1:
When the input signal goes from a strong to a weak station, the detector generates a pulse as shown in the figure below. The
AGC capacitor C1 is charged rapidly for the duration of this pulse. It also reduces the AGC time constant during charging to
one-third of its normal value.
Countermeasure for problem 2:
The wideband AGC ON level should be raised as far as practicable within cross-modulation disrtortion and sensitivity
constraints. If a pin-diode is used, the sensitivity is not suppressed even if the AGC ON level is increased considerably.
However, if the varactor diodes in the RF input circuit are exposed to strong interference signals of any frequency, the
resulting non-lincarity can cause seek and stop operation errors.
Previous devices used the same S-meter linearity for both seek and stop operations, where the linearity was extended to
100 dBµ by the IF AGC and RF AGC. When the wideband RF AGC operated, the S-meter signal was amplified causing
incorrect stop operation. For example, modulation sidebands could stop the tuner one station too early.
The S-meter linearity has now been restricted to approximately 60 dBµ minimum during the seek and stop operations for
LA1136N and LA1137N. When the RF AGC operates during seek operation, the S-meter signal amplifier is disabled. This
reduces the potential for tuning error when using the stop detector method (such as LM7001, etc.).
Countermeasure for problem 3:
For LA1137N, a transistor and base current supply circuit (200 µA maximum) have been incorporated into a cascade AGC
configuration to simplify the use of high IDSS FETs. An external resistor is required.
Note that VAGC–0 = 6.1 V for no input signal. Also, VCC should be chosen carefully since it affects both the dynamic range
and the sensitivity.
Charging
circuit
Ω
Charging
circuit
Resistor added
Large IDSS
Ω
Ω
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-22/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com