Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1136NM Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LA1136NM Datasheet HTML 12Page - Sanyo Semicon Device LA1136NM Datasheet HTML 13Page - Sanyo Semicon Device LA1136NM Datasheet HTML 14Page - Sanyo Semicon Device LA1136NM Datasheet HTML 15Page - Sanyo Semicon Device LA1136NM Datasheet HTML 16Page - Sanyo Semicon Device LA1136NM Datasheet HTML 17Page - Sanyo Semicon Device LA1136NM Datasheet HTML 18Page - Sanyo Semicon Device LA1136NM Datasheet HTML 19Page - Sanyo Semicon Device LA1136NM Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
6.
Wideband AGC Sensitivity
The wideband AGC circuit two-signal sensitivity and shortwave interference suppression characteristics have been achieved by
reducing the sensitivity by approximately 10 dB from that of previous devices. If a FET with low gm and high IDSS is used, the
sensitivity can be increased by increasing the external sensitivity adjustment resistor (30
Ω). However, the voltage drop across this
resistor can cause the cascade AGC transistor to saturate. Therefore, if the sensitivity is to be increased by a large amount, a choke
coil should be added as shown in the figure below.
7.
The local oscillation level increased during LW (approx. 50°C or greater)
27 k
Ω should be added between pins 19 and 23 for LA1136N, and between pins 15 and 19 for LA1137N. Not necessary for MW.
8.
Image Interference Reduction
Image interference in the alignment circuit can be reduced by up to 70 dB at fr = 1.4 MHz by injecting a 2.3 MHz trap signal into
the primary coil. Note that this technique reduces the sensitivities at frequencies above 1.4 MHz.
9.
Upgraded Features of LA1136 and LA1137 to LA1136N and LA1137N
Upgraded features
LA1136, LA1137 LA1136N, LA1137N
IF count buffer output voltage
74 dBµ, zero modulation,
fr = 1 MHz when STOP RQ=0V
Test circuit LA1137N
80 mVp-p
1.5 mVp-p
Signal detector output voltage
when VCC OFF
Test circuit LA1137N
0.7 V
5 V
Unit (resistance:
Ω, capacitance: F)
Unit (resistance:
Ω, capacitance: F)
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-16/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com