Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1136NM Datasheet(PDF) 26 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 26 Page - Sanyo Semicon Device

Back Button LA1136NM Datasheet HTML 20Page - Sanyo Semicon Device LA1136NM Datasheet HTML 21Page - Sanyo Semicon Device LA1136NM Datasheet HTML 22Page - Sanyo Semicon Device LA1136NM Datasheet HTML 23Page - Sanyo Semicon Device LA1136NM Datasheet HTML 24Page - Sanyo Semicon Device LA1136NM Datasheet HTML 25Page - Sanyo Semicon Device LA1136NM Datasheet HTML 26Page - Sanyo Semicon Device LA1136NM Datasheet HTML 27Page - Sanyo Semicon Device LA1136NM Datasheet HTML 28Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Band Characteristics
(Tracking adjustment at each point)
IF interference ratio
Image interference ratio
Effective sensitivity
(ANT input when S/N = 20 dB)
Maximum Sensitivity
(ANT input when output –25 dBµ)
(using varactor diode)
Receive, fr [kHz]
Supply Voltage Characteristics
SD sensitivity
Supply voltage VCC [V]
Temperature Characteristics
SD sensitivity
(Maximum sensitivity, input when output –25 dBµ)
(input when S/N = 20 dB)
(Input detection output 74 dBµ,
Ambient temperature, Ta [°C]
Temperature Characteristics
VSM120 (Input when S-meter 130 dBµ)
VSM74(S-meter output 74 dBµ input)
V
SM30 30 dBµ Input
Tweet prevention ANT D. ON level
V
1 (Pin 1 voltage)
Pin-diode driver
Ambient temperature, Ta [°C]
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-26/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com