Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1136NM Datasheet(PDF) 19 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 19 Page - Sanyo Semicon Device

Back Button LA1136NM Datasheet HTML 15Page - Sanyo Semicon Device LA1136NM Datasheet HTML 16Page - Sanyo Semicon Device LA1136NM Datasheet HTML 17Page - Sanyo Semicon Device LA1136NM Datasheet HTML 18Page - Sanyo Semicon Device LA1136NM Datasheet HTML 19Page - Sanyo Semicon Device LA1136NM Datasheet HTML 20Page - Sanyo Semicon Device LA1136NM Datasheet HTML 21Page - Sanyo Semicon Device LA1136NM Datasheet HTML 22Page - Sanyo Semicon Device LA1136NM Datasheet HTML 23Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
(2) SD sensitivity adjustment method
The SD sensitivity is determined by the voltage level of the two inputs to the comparator. Because the absolute value is
determined by the resistor as described above, no matter which level, the sensitivity can be adjusted through both levels.
However, from the standpoint of the stability of the system as a whole and given the possibility that the S-meter output will
be used for other purposes, it is best to make adjustments by adjusting the value on pin 9.
Because the S-meter I/O characteristics during a seek operation or a receive operation are basically as depicted in the diagram
below, so allowing for potential differences, the setting level for the adjustable range should be 25 to 60 dBµ.
(3) Support for the LM7000 (IF count method)
Implemented as shown in the figure at right.
15. Tweet Prevention Circuit
(1) Cause and countermeasures for Tweet distortion
The beat noise frequency characteristics for LA1137N is fr = 900 kHz and the corresponding circuit where it is generated are
shown below. The minimum signal-to-noise ratio for tuners using a reference input signal is 30 dB.
Mechanism behind the deterioration of the characteristics
The 900 kHz RF input signal from the antenna is amplified by the FET RF amplifier before passing through the RF
alignment stage to the mixer. If this signal is large, the varactor diodes can cause second-harmonic distortion of 1.8 MHz.
The 900 kHz and 1.8 MHz components each generate an IF signal; (450 +
α) kHz for the 900 kHz signal, and (450 – α) kHz
for the 1.8 kHz signal. These two signals interact to produce a beat frequency at 2
×α kHz.
Receive mode
Station seek mode
Antenna input level – dBµ
IF count control voltage (STRQ)
IF buffer signal
Ω
Antenna input – dBµ
Complete alignment (Maximum
beat noise at 900 kHz)
Complete alignment
(zero beat noise)
Tweet input
Signal Characteristics
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-19/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com