Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1136NM Datasheet(PDF) 18 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 18 Page - Sanyo Semicon Device

Back Button LA1136NM Datasheet HTML 14Page - Sanyo Semicon Device LA1136NM Datasheet HTML 15Page - Sanyo Semicon Device LA1136NM Datasheet HTML 16Page - Sanyo Semicon Device LA1136NM Datasheet HTML 17Page - Sanyo Semicon Device LA1136NM Datasheet HTML 18Page - Sanyo Semicon Device LA1136NM Datasheet HTML 19Page - Sanyo Semicon Device LA1136NM Datasheet HTML 20Page - Sanyo Semicon Device LA1136NM Datasheet HTML 21Page - Sanyo Semicon Device LA1136NM Datasheet HTML 22Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
14. Stop Detector Adjustment
Although this explanation is for the LA1137N, it is identical for the LA1136N, except that the pin numbers are different.
The LA1137N is designed for use with the following microcontrollers.
Stop detection method: LM7001 (Sanyo) (SD output only)
IF count method:
LM7000 (Sanyo)
LC7230 (Sanyo)
(1) Support for the LM7001
The search stop detector uses the active HIGH signal of pin18.
The IF signal from the IF amplifier is detected, on pin 16 the signal that determined the bandwidth characteristics through the
narrowband filter BFU450CN (BFU450CN is equivalent to the amplifier emitter load) is detected, and the S-meter output is
output by the S-meter drive circuit by driving with current the load on pin 17. Therefore, the S-meter output VSM on pin 17
has the following relationship with the S-meter load R17.
VSM ∞ R17
In the above example, 3 k
Ω is changed to 4.5 kΩ, but the R ratio of the output is 1.5x. However, the meter output has an upper
limit; as a guide, saturation occurs when the upper limit is at about VCC – 1.4 V. The pin 18 SD output is generated by
comparing the S-meter output described above with the reference voltage Vref on pin 9 (400 µ
× R9). Using the
recommended constants, Vref = 400 µ
× 2.4 k = 1.0 (V).
The comparator compares the electric potential of pin 17 with that of pin 9 and detects when the electric potential of pin 17
is greater than that of pin 9, in which event the transistor is turned off and the SD output changes from LOW to HIGH (GND
to VDD).
Note that, in consideration of differences in circuit configurations, Vref should be at least 0.7 V.
Antenna input – dBµ
S-meter load
Unit (capacitance: F)
Ω
Ω
Ω
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-18/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com