Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1136NM Datasheet(PDF) 20 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 20 Page - Sanyo Semicon Device

Back Button LA1136NM Datasheet HTML 16Page - Sanyo Semicon Device LA1136NM Datasheet HTML 17Page - Sanyo Semicon Device LA1136NM Datasheet HTML 18Page - Sanyo Semicon Device LA1136NM Datasheet HTML 19Page - Sanyo Semicon Device LA1136NM Datasheet HTML 20Page - Sanyo Semicon Device LA1136NM Datasheet HTML 21Page - Sanyo Semicon Device LA1136NM Datasheet HTML 22Page - Sanyo Semicon Device LA1136NM Datasheet HTML 23Page - Sanyo Semicon Device LA1136NM Datasheet HTML 24Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
(2) Methods for improving tweet characteristics
1 A twin varactor diode can be used, as is used for FM detection. However, the chip size is four times that of a standard
varactor diode having the same capacitance, resulting in increased cost and a narrower capacitance range.
2 The RF AGC ON level can be reduced to prevent the varactor diodes from distorting the signal. However, the
signal-to-noise ratio is limited to approximately 50 dB or lower.
3 The varactor diodes can be replaced by an up-converter. However, this increases the susceptibility to interference.
(3) Countermeasures for LA1136N, LA1137N
Although this explanation is for the LA1137N, it is identical for the LA1136N, except that the pin numbers are different.
Output
Maximum beat noise with
tweet prevention Inactive
10 dB Improvement
Maximum beat noise with
tweet prevention active
Zero beat noise
Tweet prevention
active
The AGC ON level for fr = 90 kHz is reduced
by 10 dB to reduce the signal level on the
varactor diodes. The microcontroller determines
when the tuner is receiving at 900 kHz and
forces the HIGH-level signal present on pin 18
and SD VDD to LOW, reducing the ON level by
10 dB. This gives the signal-to-noise
characteristics shown below.
RF AGC on level
AGC variable
gain
Stop detector
cutoff circuit
Stop detector
circuit
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-20/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com