Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1136NM Datasheet(PDF) 24 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 24 Page - Sanyo Semicon Device

Back Button LA1136NM Datasheet HTML 20Page - Sanyo Semicon Device LA1136NM Datasheet HTML 21Page - Sanyo Semicon Device LA1136NM Datasheet HTML 22Page - Sanyo Semicon Device LA1136NM Datasheet HTML 23Page - Sanyo Semicon Device LA1136NM Datasheet HTML 24Page - Sanyo Semicon Device LA1136NM Datasheet HTML 25Page - Sanyo Semicon Device LA1136NM Datasheet HTML 26Page - Sanyo Semicon Device LA1136NM Datasheet HTML 27Page - Sanyo Semicon Device LA1136NM Datasheet HTML 28Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
3 RF alignment coil
In general, the RF amplifier gain and fluctuations in the effective sensibility should be kept as low as possible.
19. IF Count Buffer
Although this explanation is for the LA1137N, it is identical for the LA1136N, except that the pin numbers are different.
Circuit operations
Pin 13 serves as both the count buffer input pin and output pin. When the control voltage with no load is HIGH 5 V, the IF buffer
output is 300 mVrms and when LOW GND, 1 mVrms or lower. Supports Sanyo’s LM7000 and LC7230.
Turns
proportional
to gain
Maximum sensitivity MS
Increase turns
Effective sensitivity QS
Number of turns
Check the data in the diagram to determine the number of
turns.
IF counter
amplifier
Reverse
circuit
IF buffer
Control
voltage
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-24/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com