Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1136NM Datasheet(PDF) 23 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 23 Page - Sanyo Semicon Device

Back Button LA1136NM Datasheet HTML 19Page - Sanyo Semicon Device LA1136NM Datasheet HTML 20Page - Sanyo Semicon Device LA1136NM Datasheet HTML 21Page - Sanyo Semicon Device LA1136NM Datasheet HTML 22Page - Sanyo Semicon Device LA1136NM Datasheet HTML 23Page - Sanyo Semicon Device LA1136NM Datasheet HTML 24Page - Sanyo Semicon Device LA1136NM Datasheet HTML 25Page - Sanyo Semicon Device LA1136NM Datasheet HTML 26Page - Sanyo Semicon Device LA1136NM Datasheet HTML 27Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
18. Gain Adjustment Method
(1) AGC Operations
The AGC circuits for LA1136N and LA1137N are configured based on the AGC circuit for LA1135.
Although this explanation is for the LA1137N, it is identical for the LA1136N, except that the pin numbers are different.
1 IF stage
The IF stage block diagram is shown in the figure above. The output current from pin 12 is converted to a voltage and
detected by pin 14 of the IF AGC circuit. IF Amplifier I prevents the input signal from exceeding the dynamic range of IF
Amplifier II. The relationship between the gain and distortion of the IF stage is shown in Figure 1.
Note that when the gain is decreased, the AGC ON level is increased causing distortion at the IF Amplifier II input (At
maximum sensitivity, the antenna input is increased at output –25 dBµ.) This limits the effectiveness of using the IF tank
II for decreasing gain.
2 RF stage
The AGC for signal 1 of LA1137N operates as shown below.
The RF AGC circuit reduces the voltage on pin 1 (6 V when no input) by detecting and amplifying the mixer input signal.
When operating, the voltage drops to 3.5 V, approximately 6 mA of antenna dumping current is driven from Pin 3 to hold the
antenna input signal constant. When current flows from Pin 3, the voltage on Pin 1 drops to 0.6 V min. to control the
drain-to-source voltage of the input FET. Because the RF AGC operates independently of the gain of IF tank I, the RF AGC
gain can be reduced without increasing distortion (See Figure 2).
IF
amplifer
I
IF
amplifier
II
Detector
500 k
Ω VR
HW-60303
IF tank II
gain
attenuator
Set value
Maximum sensitivity, MS – dBµ
Figure 1
AGC gain and distortion characteristics
Mixer coil, no attenuation
Mixer coil, with
attenuation
Ceramic
filter
mismatch
caused by
resistor R
Distortion
Mixer input – dBµ
Figure 2 Gain adjustment
Double-
tuned
circuit
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-23/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com