Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1136NM Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA1136NM Datasheet HTML 1Page - Sanyo Semicon Device LA1136NM Datasheet HTML 2Page - Sanyo Semicon Device LA1136NM Datasheet HTML 3Page - Sanyo Semicon Device LA1136NM Datasheet HTML 4Page - Sanyo Semicon Device LA1136NM Datasheet HTML 5Page - Sanyo Semicon Device LA1136NM Datasheet HTML 6Page - Sanyo Semicon Device LA1136NM Datasheet HTML 7Page - Sanyo Semicon Device LA1136NM Datasheet HTML 8Page - Sanyo Semicon Device LA1136NM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LA1136N, LA1136NM
Operating Conditions at Ta = 25°C, VCC = 8 V, fr = 1 MHz, fm = 400 Hz, See specified Test Circuit
Parameter
Symbol
Conditions
Pin
min
typ
max
Unit
12
14
17
22
Current drain
ICC1
Quiescent
L
L
L
O
22
38
52
mA
ICC2
130 dBµ
L
L
L
O
30
45
60
Detection output
VO
74 dBµ, 30% modulation
L
L
L
O
–15.0
–12.0
–9.0
dBm
Signal-to-noise ratio
S/N
74 dBµ, 30% modulation
L
L
L
O
49
54
dB
AGC figure-of-merit
AGC
74 dBµ, 30% modulation,
reference output 10 dB below
input
LLL
O
50
54
dBµ
Total harmonic distortion
THD1
74 dBµ, 80% modulation
L
L
L
O
0.4
1.0
%
THD2
130 dBµ, 80% modulation
L
L
L
O
0.5
2.0
Signal meter output voltage
VSM1
Quiescent
L
L
L
O
0
0.3
V
VSM2
130 dBµ
L
L
L
O
3.5
5.0
7.5
Stop detector sensitivity
SD
V18 = 3.5 V
L
H
L
O
26
32
38
dBµ
Local-oscillator buffer output
voltage
VOSC
BUFF
Quiescent
L
L
L
O
270
330
mVrms
IF buffer output voltage
VIF BUFF 74 dBµ, zero modulation
L
L
L
O
530
750
1,000
mVrms
IF count buffer output voltage
VIFCB
30 dBµ, zero modulation
L
H
H
O
260
300
mVrms
IF count buffer output leakage
voltage
VIFCBL
74 dBµ, zero modulation
L
L
L
O
10
mVrms
Antenna input level for RF AGC
ON and tweet prevention
ANT1
LLLL
56
62
68
dBµ
Antenna input for wideband AGC
ON
ANT2
Quiescent, 1.0 MHz receive
signal, 1.4 MHz interference,
zero modulation
L
L
L
O
92
98
104
dBµ
Wideband/narrowband detector
output ratio (weak input)
–
21 dBµ, 30% modulation
L/H
L
L
O
2
4
dB
Pin-diode driver current
IANTD
V1 = 0.7 V
L
L
L
O
4.0
5.5
mA
Note)
SW voltage:H=5 V, L = GND, O = OPEN
LA1137N, LA1137NM
Operating Characteristics at Ta = 25°C, VCC = 8 V, fr = 1 MHz, fm = 400 Hz, See specified Test Circuit
Parameter
Symbol
Conditions
SW
min
typ
max
Unit
11
13
18
Current drain
ICC1
Quiescent
L
L
O
22
38
52
mA
ICC2
130 dBµ, zero modulation
L
L
O
30
45
60
Detection output
VO
74 dBµ, 30% modulation
L
L
O
–15.0
–12.0
–9.0
dBm
Signal-to-noise ratio
S/N
74 dBµ, 30% modulation
L
L
O
50
55
dB
AGC figure-of-merit
AGC
74 dBµ, 30% modulation,
reference output 10 dB below
input
LL
O
48
52
56
dB
Total harmonic distortion
THD1
74 dBµ, 80% modulation
L
L
O
0.3
1.0
%
THD2
130 dBµ, 80% modulation
L
L
O
0.4
2.0
Signal meter output
voltage
VSM1
Quiescent
L
L
O
0
0.3
V
VSM2
130 dBµ, zero modulation
L
L
O
3.5
5
7.5
Stop detector sensitivity
SD
V18 = 3.5 V, zero modulation
H
L
O
27
33
39
dBµ
Local-oscillator buffer
output voltage
VOSC BUFF Quiescent
L
L
O
290
350
mVrms
IF count buffer output
voltage
VIFCB
30 dBµ, zero modulation
H
H
O
260
300
mVrms
IF count buffer output
leakage voltage
VIFCBL
74 dBµ, zero modulation
L
L
O
10
mVrms
Antenna input for RF
AGC ON and tweet
prevention
ANT1
L
L
L
56
62
68
dBµ
Antenna input for wide
band AGC ON
ANT2
Quiescent, 1.0 MHz receive
signal, 1.4 MHz interference
signal, zero modulation
L
L
O
92
98
104
dBµ
Pin-diode driver current
IANTD
V1 = 0.7 V
L
L
O
4.0
5.5
mA
Note)
SW voltage:H=5 V, L = 0 V,O= open
Short the ammeter used to measure the pin-diode driver current when not in use.
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-4/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com