Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 109Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 110Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 111Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 112Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 113Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 114Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 115Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 116Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 156 page
background image
Table 103. USB OTG Specifications
VBUS Input Impedance
As A_device
40
-
100
k
Ω
UID 220K Pull-up (77)
IDPUCNTRL = 0, Resistor to VCORE
132
220
308
k
Ω
UID Pull-up (77)
IDPUCNTRL = 1, Current source from VCORE
4.75
5.0
5.25
μA
UID Parallel Pull-up (77)
ID100KPU = 1, Resistor to VCORE
60
100
140
k
Ω
Notes
77.
Note that the UID Pull-ups are not mutually exclusive of each other; they are independently controlled by their enable bits and thus
multiple pull-ups can be engaged simultaneously.
Analog Integrated Circuit Device Data
Freescale Semiconductor
113
13892
FUNCTIONAL DEVICE OPERATION
CONNECTIVITY
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com