Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 111Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 112Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 113Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 114Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 115Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 116Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 117Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 118Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
115
13892
FUNCTIONAL DEVICE OPERATION
LIGHTING SYSTEM
The ramp itself is generated by increasing or decreasing the PWM duty cycle with a 1/32 step every 1/64 seconds. The ramp
time is therefore a function of the initial set PWM cycle and the final PWM cycle. As an example, starting from 0/32 and going to
32/32 will take 500 ms, while going to from 8/32 to 16/32 takes 125 ms. Note that the ramp function is executed upon every
change in PWM cycle setting when the corresponding LEDxRAMP = 1. If a PWM change is programmed via SPI when
LEDxRAMP = 0, then the change is immediate rather than spread out over a PWM sweep.
A maximum of only two backlight drivers can be activated at the same time, for instance, the main display plus keypad. If all
three backlight drivers are enabled through the LEDxEN bits, meaning none of the duty cycles equals 0/32, then none of the
drivers will be activated.
If two backlight drivers are enabled, they time-share the external boost converter output. The drivers will automatically be
enabled and disabled in a 50/50 percent fashion at a sufficiently high rate. The LED drive current will automatically be doubled
to the same luminosity as in a single backlight driver configuration.
Figure 33 illustrates the time sharing principle. Assume the MD domain is represented by 6 series white LEDs, and the KP
domain is represented by 3 ballasted stacks, that include 3 blue LEDs in each (a diagram of Serial LED configurations is included
later in this chapter).
External
Boost
LEDMD
Active
LEDKP
Active
LEDMD
Active
One Driver
Active
Two Drivers
Active
LEDMD
Current
LEDKP
Current
LEDMD
Active
LEDKP
Active
Figure 33. Backlight Drivers Time Sharing Example
The "One Driver Active" case shows the general response when driving a single zone of 6 white LEDs. The "Two Drivers
Active" case shows the LEDMD zone driven at twice the current for half the time.
Table 106. Serial LED Driver Characteristics
Output Current Setting
Low Range Mode
0
-
15
mA
High Range Mode
0
-
30
Current Programming Granularity
Low Range Mode
-
3.0
-
mA
High Range Mode
-
6.0
-
PWM Granularity
-
1/32
-
Repetition Rate
Not blinking
-
256
-
Hz
Absolute Accuracy
-
-
15
%
Matching
At 400 mV, 21 mA
-
-
3.0
%
Glow and Dimming Speed
Per 1/32 duty cycle step
-
1/64*
-
S
Notes
80.
Equivalent to 500 ms ramp time when going from 0/32 to 32/32
Figure 34 illustrates some possible configurations for the backlight driver. Note that when parallel strings are ganged together
on a driver channel, ballasting resistance is recommended to help balance the currents in each leg.
Parameter(80)
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com