Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 118Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 119Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 120Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 121Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 122Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 123Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 124Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 125Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 156 page
background image
Analog Integrated Circuit Device Data
122
Freescale Semiconductor
13892
SPI BITMAP
The 24 bit wide registers are numbered from 0 to 63, and are referenced throughout this document by register number, or
representative name as given in the corresponding captions. The contents of all registers are given in the tables defined in this
chapter; each table includes the following information:
Name: Name of the bit. Spare bits are implemented in the design for future use, but are not assigned. Unused bits are not
available in the design. Reserved bits are not implemented in the design, but are used on other PMIC's.
Bit #: The bit location in the register (0-23)
R/W: Read / Write access and control
• R is read access
• W is write access
• R/W is read and write access
• RW1C is read and write access with write 1 to clear
• RWM is read and write access while the device can modify the bit
Reset: Resetting signal
• RESETB, which is the same signal as the RESETB pin (so bit is held in reset as long as RESETB is low)
• RTCPORB which is the reset signal of the RTC module (so bit is no longer held in reset once RTC power is good)
• OFFB which is an internal signal generated when transitioning into the Off state
• NONE. There is no reset signal for hardwired bits nor for the bits of which the state is determined by the power up mode
settings
Default: The value after reset as noted in the Default column of the SPI map.
• Fixed defaults are explicitly declared as 0 or 1.
• * corresponds to Read / Write bits that are initialized at startup based on power up mode settings (board level pin
connections) validated at the beginning of Cold or Warm Start. Bits are subsequently SPI modifiable.
• S corresponds to Read only sense bits that continuously monitor an input signal (sense signal is not latched).
• L corresponds to Read only sense bits that are latched at startup.
• X indicates that the state does not have an explicitly defined default value which can be specified. For instance, some bits
default to a value which is dependent on the version of the IC.
Description: A short description of the bit function, in some cases additional information is included
The following tables are intended to give a summarized overview, for details on the bit description, see the individual chapters.
Table 112. Register 0, Interrupt Status 0
Name
Bit #
R/W
Reset
Default
Description
ADCDONEI
0
RW1C
RESETB
0
ADC has finished requested conversions
ADCBISDONEI
1
RW1C
RESETB
0
ADCBIS has finished requested conversions
TSI
2
RW1C
RESETB
0
Touch screen wake-up
VBUSVALIDI
3
RW1C
OFFB
0
VBUSVALID detect
IDFACTORYI
4
RW1C
RESETB
0
ID factory mode detect
USBOVI
5
RW1C
RTCPORB
0
USB over-voltage detection
CHGDETI
6
RW1C
OFFB
0
Charger attach
CHGFAULTI
7
RW1C
RTCPORB
0
Charger fault detection
CHGREVI
8
RW1C
RESETB
0
Charger path reverse current
CHGSHORTI
9
RW1C
RESETB
0
Charger path short circuit
CCCVI
10
RW1C
RESETB
0
Charger path CC / CV transition detect
CHGCURRI
11
RW1C
RESETB
0
Charge current below threshold warning
BPONI
12
RW1C
OFFB
0
BP turn on threshold
LOBATLI
13
RW1C
RESETB
0
Low battery low threshold warning
LOBATHI
14
RW1C
RESETB
0
Low battery high threshold warning
Reserved
15
R
0
For future use
BVALIDI
16
RW1C
OFFB
0
USB B-session valid interrupt
Reserved
17
R
0
For future use
Reserved
18
R
0
For future use
IDFLOATI
19
RW1C
RESETB
0
USB ID float detect
IDGNDI
20
RW1C
RESETB
0
USB ID ground detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com