Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 119Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 120Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 121Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 122Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 123Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 124Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 125Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 126Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
123
13892
SPI BITMAP
CHRGSE1BI
21
RW1C
RESETB
0
Wall Charger detect
Reserved
22
R
0
For future use
Reserved
23
R
0
For future use
Table 113. Register 1, Interrupt Mask 0
ADCDONEM
0
R/W
RESETB
1
ADCDONEI mask bit
ADCBISDONEM
1
R/W
RESETB
1
ADCBISDONEI mask bit
TSM
2
R/W
RESETB
1
TSI mask bit
VBUSVALIDM
3
R/W
OFFB
1
VBUSVALIDI mask bit
IDFACTORYM
4
R/W
RESETB
1
ID factory mask bit
USBOVM
5
R/W
RTCPORB
1
USBOVI mask bit
CHGDETM
6
R/W
OFFB
1
CHGDETI mask bit
CHGFAULTM
7
R/W
RTCPORB
1
CHGFAULTI mask bit
CHGREVM
8
R/W
RESETB
1
CHGREVI mask bit
CHGSHORTM
9
R/W
RESETB
1
CHGSHORTI mask bit
CCCVM
10
R/W
RESETB
1
CCCV mask bit
CHGCURRM
11
R/W
RESETB
1
CHGCURRI mask bit
BPONM
12
R/W
OFFB
1
BPONI mask bit
LOBATLM
13
R/W
RESETB
1
LOBATLI mask bit
LOBATHM
14
R/W
RESETB
1
LOBATHI mask bit
Reserved
15
R
1
For future use
BVALIDM
16
R/W
OFFB
1
BVALIDI mask bit
Reserved
17
R
1
For future use
Reserved
18
R
1
For future use
IDFLOATM
19
R/W
RESETB
1
IDFLOATI mask bit
IDGNDM
20
R/W
RESETB
1
IDGNDI mask bit
CHRGSE1BM
21
R/W
RESETB
1
Wall Charger mask bit
Reserved
22
R
1
For future use
Reserved
23
R
1
For future use
Name
Bit #
R/W
Reset
Default
Description
Table 114. Register 2, Interrupt Sense 0
Name
Bit #
R/W
Reset
Default
Description
Unused
0
R
0
Not available
Unused
1
R
0
Not available
Unused
2
R
0
Not available
VBUSVALIDS
3
R
NONE
S
VBUSVALIDI sense bit
IDFACTORYS
4
R
NONE
S
ID factory sense bit
USBOVS
5
R
NONE
S
USBOVI sense bit
CHGDETS
6
R
NONE
S
CHGDETI sense bit
CHGENS
7
R
NONE
0
Charger enable sense bit
CHGFAULTS0
8
R
NONE
S
CHGREVI sense bit
CHGFAULTS1
9
R
NONE
S
CHRGFAULT sense bit 0
CCCVS
10
R
NONE
S
CHRGFAULT sense bit 1
CHGCURRS
11
R
NONE
S
CHGCURRI sense bit
BPONS
12
R
NONE
S
BPONI sense bit
LOBATLS
13
R
NONE
S
LOBATLI sense bit
Table 112. Register 0, Interrupt Status 0
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com