Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042EVPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8042EVPBF
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042EVPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8042EVPBF Datasheet HTML 3Page - Linear Technology LTM8042EVPBF Datasheet HTML 4Page - Linear Technology LTM8042EVPBF Datasheet HTML 5Page - Linear Technology LTM8042EVPBF Datasheet HTML 6Page - Linear Technology LTM8042EVPBF Datasheet HTML 7Page - Linear Technology LTM8042EVPBF Datasheet HTML 8Page - Linear Technology LTM8042EVPBF Datasheet HTML 9Page - Linear Technology LTM8042EVPBF Datasheet HTML 10Page - Linear Technology LTM8042EVPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTM8042/LTM8042-1
7
80421fa
TYPICAL PERFORMANCE CHARACTERISTICS
Junction Temperature Rise vs Load,
Buck Mode, 10.9V at 1A LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
3.8V at 1A LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
8.3V at 1A LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
2.9V at 1A LED String
Junction Temperature Rise vs Load,
Buck Mode, 2.9V at 1A LED String
Junction Temperature Rise vs Load,
Buck Mode, 3.8V at 1A LED String
Junction Temperature Rise vs Load,
Buck Mode, 8.3V at 1A LED String
Junction Temperature Rise vs Load,
Buck Mode, 13.6V at 1A LED String
Junction Temperature Rise vs Load,
Buck Mode, 18.1V at 1A LED String
LED CURRENT (mA)
0
0
600
400
18
80421 G26
200
800
1000
10
12
6
8
16
14
2
4
12VIN
24VIN
LED CURRENT (mA)
0
0
600
400
18
80421 G27
200
800
1000
10
12
6
8
16
14
2
4
12VIN
24VIN
LED CURRENT (mA)
0
0
600
400
25
80421 G28
200
800
1000
10
5
20
15
12VIN
24VIN
LED CURRENT (mA)
0
0
600
400
25
80421 G29
200
800
1000
10
5
20
15
24VIN
LED CURRENT (mA)
0
0
600
400
30
25
80421 G30
200
800
1000
10
5
20
15
24VIN
LED CURRENT (mA)
0
0
600
400
25
80421 G31
200
800
1000
10
5
20
15
24VIN
LED CURRENT (mA)
0
0
600
400
25
80421 G32
200
800
1000
10
5
20
15
12VIN
5VIN
24VIN
LED CURRENT (mA)
0
0
600
400
30
25
80421 G33
200
800
1000
10
5
20
15
12VIN
24VIN
5VIN
LED CURRENT (mA)
0
0
600
400
40
25
80421 G34
200
800
1000
10
5
20
35
30
15
12VIN
TA = 25°C, unless otherwise noted.
LTM8042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com