Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042EVPBF Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8042EVPBF
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042EVPBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8042EVPBF Datasheet HTML 16Page - Linear Technology LTM8042EVPBF Datasheet HTML 17Page - Linear Technology LTM8042EVPBF Datasheet HTML 18Page - Linear Technology LTM8042EVPBF Datasheet HTML 19Page - Linear Technology LTM8042EVPBF Datasheet HTML 20Page - Linear Technology LTM8042EVPBF Datasheet HTML 21Page - Linear Technology LTM8042EVPBF Datasheet HTML 22Page - Linear Technology LTM8042EVPBF Datasheet HTML 23Page - Linear Technology LTM8042EVPBF Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTM8042/LTM8042-1
20
80421fa
APPLICATIONS INFORMATION
Table 1. LTM8042 Recommended Values and Configuration for Boost (TA = 25°C)
VIN
RANGE
(BSTIN/
BKLED–)VCC
CIN
(BSTIN/BKLED–
TO GND)
COUT
(BSTOUT/BKIN
TO GND)
LED
STRING
VOLTAGE
(LED+ TO
GND)
LED
STRING
CURRENT RCTL
RT
(OPTI-
MAL)
f
(OPTI-
MAL)
RT
(MIN)
f
(MAX)
3V to 3.6V
Connect to BSTIN/BKLED–
1μF 0805 X7R 10V
1μF 0805 X7R 10V
4V to 6V
35mA
523
86.6k
250k
37.4k
500k
3V to 5.1V
Connect to BSTIN/BKLED–
1μF 0805 X7R 10V
1μF 0805 X7R 10V
6V to 9V
35mA
523
76.8k
275k
37.4k
500k
3V to 6.3V
Connect to BSTIN/BKLED–
1μF 0805 X7R 10V
1μF 0805 X7R 16V
8V to 12V
35mA
523
69.8k
300k
37.4k
500k
3V to 9.3V
Connect to BSTIN/BKLED–
1μF 0805 X7R 10V
1μF 0805 X7R 16V
12V to 16V
35mA
523
48.7k
400k
30.1k
600k
3V to 10V
Connect to BSTIN/BKLED–
1μF 0805 X7R 10V
1μF 0805 X7R 25V
15V to 21V
35mA
523
37.4k
500k
27.4k
650k
3V to 12.6V
Connect to BSTIN/BKLED–
1μF 0805 X7R 16V
1μF 0805 X7R 25V
18V to 24V
35mA
523
33.2k
550k
24.9k
700k
3.7V to 15V
Connect to BSTIN/BKLED–
1μF 0805 X7R 16V
1μF 0805 X7R 50V
24V to 32V
35mA
523
30.1k
600k
24.9k
700k
3V to 3.85V
Connect to BSTIN/BKLED–
4.7μF 1206 X7R 10V
2.2μF 1206 X7R 10V
4V to 6V
100mA
1.30k
86.6k
250k
37.4k
500k
3V to 5.6V
Connect to BSTIN/BKLED–
4.7μF 1206 X7R 10V
2.2μF 1206 X7R 10V
6V to 9V
100mA
1.30k
76.8k
275k
37.4k
500k
3V to 7V
Connect to BSTIN/BKLED–
4.7μF 1206 X7R 10V
2.2μF 1206 X7R 16V
8V to 12V
100mA
1.30k
69.8k
300k
37.4k
500k
3V to 10.2V
Connect to BSTIN/BKLED–
4.7μF 1206 X7R 16V
2.2μF 1206 X7R 16V
12V to 16V
100mA
1.30k
48.7k
400k
30.1k
600k
4V to 12.6V
Connect to BSTIN/BKLED–
4.7μF 1206 X7R 16V
2.2μF 1206 X7R 25V
15V to 21V
100mA
1.30k
37.4k
500k
30.1k
600k
4V to 14.5V
Connect to BSTIN/BKLED–
2.2μF 1206 X7R 16V
2.2μF 1206 X7R 25V
18V to 24V
100mA
1.30k
30.1k
600k
24.9k
700k
6.3V to 18.7V
Connect to BSTIN/BKLED–
2.2μF 1206 X7R 25V
2.2μF 1206 X7R 50V
24V to 32V
100mA
1.30k
24.9k
700k
21.0k
800k
3V to 3.8V
Connect to BSTIN/BKLED–
1μF 0805 X7R 10V
2.2μF 1206 X7R 10V
4V to 6V
350mA
4.75k
27.4k
650k
16.9k
950k
3V to 5.5V
Connect to BSTIN/BKLED–
1μF 0805 X7R 10V
2.2μF 1206 X7R 10V
6V to 9V
350mA
4.75k
27.4k
650k
16.9k
950k
3.3V to 7V
Connect to BSTIN/BKLED–
1μF 0805 X7R 10V
2.2μF 1206 X7R 16V
8V to 12V
350mA
4.75k
27.4k
650k
16.9k
950k
4.1V to 10V
Connect to BSTIN/BKLED–
1μF 0805 X7R 10V
2.2μF 1206 X7R 16V
12V to 16V
350mA
4.75k
19.6k
850k
15.8k
1M
5.5V to 12.5V
Connect to BSTIN/BKLED–
1μF 1206 X7R 16V
2.2μF 1206 X7R 25V
15V to 21V
350mA
4.75k
18.2k
900k
12.4k
1.2M
6.4V to 15V
Connect to BSTIN/BKLED–
1μF 1206 X7R 16V
2.2μF 1206 X7R 25V
18V to 24V
350mA
4.75k
16.9k
950k
14.0k
1.1M
9V to 20.8V
Connect to BSTIN/BKLED–
2.2μF 1206 X7R 25V
2.2μF 1206 X7R 50V
24V to 32V
350mA
4.75k
16.9k
950k
14.0k
1.1M
3V to 3.8V
Connect to BSTIN/BKLED–
1μF 1206 X7R 10V
2.2μF 1206 X7R 10V
4V to 6V
500mA
7.32k
27.4k
650k
16.9k
950k
3.3V to 5.7V
Connect to BSTIN/BKLED–
1μF 1206 X7R 10V
2.2μF 1206 X7R 10V
6V to 9V
500mA
7.32k
24.9k
700k
16.9k
950k
4V to 7.2V
Connect to BSTIN/BKLED–
1μF 1206 X7R 10V
2.2μF 1206 X7R 16V
8V to 12V
500mA
7.32k
24.9k
700k
16.9k
950k
5.2V to 10.4V
Connect to BSTIN/BKLED–
2.2μF 1206 X7R 16V
2.2μF 1206 X7R 16V
12V to 16V
500mA
7.32k
18.2k
900k
12.4k
1.2M
7V to 13V
Connect to BSTIN/BKLED–
2.2μF 1206 X7R 16V
4.7μF 1206 X7R 25V
15V to 21V
500mA
7.32k
18.2k
900k
14.0k
1.1M
8.2V to 15.5V
Connect to BSTIN/BKLED–
2.2μF 1206 X7R 16V
4.7μF 1206 X7R 25V
18V to 24V
500mA
7.32k
18.2k
900k
14.0k
1.1M
11.8V to 21.2V Connect to BSTIN/BKLED–
2.2μF 1206 X7R 25V
4.7μF 1206 X7R 50V
24V to 32V
500mA
7.32k
16.9k
950k
15.8k
1M
3.3V to 3.5V
Connect to BSTIN/BKLED–
1μF 1206 X7R 10V4
4.7μF 1206 X7R 10V
4V to 6V
700mA
11.8k
27.4k
650k
16.9k
950k
4V to 5.8V
Connect to BSTIN/BKLED–
1μF 1206 X7R 10V
4.7μF 1206 X7R 10V
6V to 9V
700mA
11.8k
24.9k
700k
21.0k
800k
5V to 7.6V
Connect to BSTIN/BKLED–
1μF 1206 X7R 10V
4.7μF 1206 X7R 16V
8V to 12V
700mA
11.8k
24.9k
700k
22.6k
750k
7V to 11V
Connect to BSTIN/BKLED–
2.2μF 1206 X7R 16V
4.7μF 1206 X7R 16V
12V to 16V
700mA
11.8k
18.2k
900k
16.9k
950k
9.5V to 13.5V
Connect to BSTIN/BKLED–
2.2μF 1206 X7R 16V
4.7μF 1206 X7R 25V
15V to 21V
700mA
11.8k
18.2k
900k
16.9k
950k
11V to 16V
Connect to BSTIN/BKLED–
2.2μF 1206 X7R 16V
4.7μF 1206 X7R 25V
18V to 24V
700mA
11.8k
18.2k
900k
16.9k
950k
16.5V to 21V
Connect to BSTIN/BKLED–
2.2μF 1206 X7R 25V
4.7μF 1206 X7R 50V
24V to 32V
700mA
11.8k
16.9k
950k
15.8k
1M
5V to 5.8V
Connect to BSTIN/BKLED–
1μF 1206 X7R 10V
4.7μF 1206 X7R 10V
6V to 9V
1A
Open
30.1k
600k
22.6k
750k
6.4V to 7.7V
Connect to BSTIN/BKLED–
1μF 1206 X7R 10V
4.7μF 1206 X7R 16V
8V to 12V
1A
Open
30.1k
600k
24.9k
700k
8.6V to 11.3V
Connect to BSTIN/BKLED–
2.2μF 1206 X7R 16V
4.7μF 1206 X7R 16V
12V to 16V
1A
Open
24.9k
700k
22.6k
750k
11.3V to 13.8V Connect to BSTIN/BKLED–
2.2μF 1206 X7R 16V
4.7μF 1206 X7R 25V
15V to 21V
1A
Open
21.0k
800k
19.6k
850k
13.4V to 16.5V Connect to BSTIN/BKLED–
4.7μF 1206 X7R 25V
4.7μF 1206 X7R 25V
18V to 24V
1A
Open
27.4k
650k
24.9k
700k
20.5V to 22.5V Connect to BSTIN/BKLED–
4.7μF 1206 X7R 25V
4.7μF 1206 X7R 50V
24V to 32V
1A
Open
33.2k
550k
30.1k
600k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com