Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042EVPBF Datasheet(PDF) 27 Page - Linear Technology

Part # LTM8042EVPBF
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042EVPBF Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM8042EVPBF Datasheet HTML 23Page - Linear Technology LTM8042EVPBF Datasheet HTML 24Page - Linear Technology LTM8042EVPBF Datasheet HTML 25Page - Linear Technology LTM8042EVPBF Datasheet HTML 26Page - Linear Technology LTM8042EVPBF Datasheet HTML 27Page - Linear Technology LTM8042EVPBF Datasheet HTML 28Page - Linear Technology LTM8042EVPBF Datasheet HTML 29Page - Linear Technology LTM8042EVPBF Datasheet HTML 30Page - Linear Technology LTM8042EVPBF Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTM8042/LTM8042-1
27
80421fa
APPLICATIONS INFORMATION
The most appropriate way to use the coefficients is when
running a detailed thermal analysis, such as FEA, which
considers all of the thermal resistances simultaneously.
None of them can be individually used to accurately pre-
dict the thermal performance of the product, so it would
be inappropriate to attempt to use any one coefficient to
correlate to the junction temperature versus load graphs
given in the LTM8042/LTM8042-1 data sheet.
A graphical representation of these thermal resistances
is given in Figure 5.
The blue resistances are contained within the μModule
regulator, and the green are outside.
80421 F05
μMODULE DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT RESISTANCE (JESD 51-9 DEFINED BOARD)
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
At
CASE (BOTTOM)-TO-BOARD
RESISTANCE
The die temperature of the LTM8042/LTM8042-1 must be
lower than the maximum rating of 125°C, so care should
be taken in the layout of the circuit to ensure good heat
sinking of the LTM8042/LTM8042-1. The bulk of the
heat flow out of the LTM8042/LTM8042-1 is through the
bottom of the module and the LGA pads into the printed
circuit board. Consequently, a poor printed circuit board
design can cause excessive heating, resulting in impaired
performance or reliability. Please refer to the PCB Layout
section for printed circuit board design suggestions.
Figure 5
TYPICAL APPLICATIONS
Boost Operation, Driving 6 White LEDs at 1A
80421 TA02
LTM8042
RT
GND CTL
VCC
RUN
BSTIN/BKLED–
PWM
SYNC
TGEN
SS
VIN
11.6V TO 19V
LED+
TG
BSTOUT/BKIN
4.7μF
22.6k
fSW = 750kHz
4.7μF
UP TO 20.6V
1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com