Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042EVPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTM8042EVPBF
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042EVPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM8042EVPBF Datasheet HTML 8Page - Linear Technology LTM8042EVPBF Datasheet HTML 9Page - Linear Technology LTM8042EVPBF Datasheet HTML 10Page - Linear Technology LTM8042EVPBF Datasheet HTML 11Page - Linear Technology LTM8042EVPBF Datasheet HTML 12Page - Linear Technology LTM8042EVPBF Datasheet HTML 13Page - Linear Technology LTM8042EVPBF Datasheet HTML 14Page - Linear Technology LTM8042EVPBF Datasheet HTML 15Page - Linear Technology LTM8042EVPBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTM8042/LTM8042-1
12
80421fa
TYPICAL PERFORMANCE CHARACTERISTICS
Junction Temperature Rise
vs Load, Buck-Boost Mode,
2.3V at 350mA LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
3.2V at 350mA LED String
Junction Temperature Rise
vs Load, Buck Mode,
15.5V at 350mA LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
6.8V at 350mA LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
9.4V at 350mA LED String
Junction Temperature Rise
vs Load, Buck Mode,
9.4V at 350mA LED String
Junction Temperature Rise
vs Load, Buck Mode,
11.2V at 350mA LED String
LED CURRENT (mA)
0
0
200
100
50
14
12
10
80421 G70
300
250
150
350
8
2
4
6
24VIN
LED CURRENT (mA)
0
0
200
100
50
14
12
10
80421 G72
300
250
150
350
8
2
4
6
24VIN
LED CURRENT (mA)
0
0
200
100
50
10
80421 G73
300
250
150
350
8
2
4
6
5VIN
24VIN
3.3VIN
12VIN
LED CURRENT (mA)
0
0
200
100
50
12
10
80421 G74
300
250
150
350
8
2
4
6
12VIN
5VIN
3.3VIN
24VIN
LED CURRENT (mA)
0
0
200
100
50
12
10
80421 G75
300
250
150
350
8
2
4
6
5VIN
12VIN
LED CURRENT (mA)
0
0
200
100
50
16
10
12
14
80421 G76
300
250
150
350
8
2
4
6
5VIN
12VIN
TA = 25°C, unless otherwise noted.
LTM8042-1
LED CURRENT (mA)
0
0
200
100
50
14
12
10
80421 G71
300
250
150
350
8
2
4
6
24VIN
Junction Temperature Rise
vs Load, Buck Mode,
6.8V at 350mA LED String
LED CURRENT (mA)
0
0
200
100
50
12
10
80421 G69
300
250
150
350
8
2
4
6
24VIN
12VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com