Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042EVPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8042EVPBF
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042EVPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8042EVPBF Datasheet HTML 4Page - Linear Technology LTM8042EVPBF Datasheet HTML 5Page - Linear Technology LTM8042EVPBF Datasheet HTML 6Page - Linear Technology LTM8042EVPBF Datasheet HTML 7Page - Linear Technology LTM8042EVPBF Datasheet HTML 8Page - Linear Technology LTM8042EVPBF Datasheet HTML 9Page - Linear Technology LTM8042EVPBF Datasheet HTML 10Page - Linear Technology LTM8042EVPBF Datasheet HTML 11Page - Linear Technology LTM8042EVPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTM8042/LTM8042-1
8
80421fa
TYPICAL PERFORMANCE CHARACTERISTICS
RUN Pin Current vs Voltage
Efficiency vs VIN, Boost Operation,
6.7V at 350mA LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
10.9V at 1A LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
13.6V at 1A LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
15.5V at 350mA LED String
LTM8042-1
LED CURRENT (mA)
0
0
600
400
50
25
80421 G35
200
800
1000
10
5
20
35
30
45
40
15
12VIN
LED CURRENT (mA)
0
0
600
400
60
80421 G36
200
800
1000
10
20
30
50
40
16VIN
12VIN
LED CURRENT (mA)
0
0
200
100
250
150
25
80421 G37
50
300
350
5
10
20
15
12VIN
RUN VOLTAGE (V)
0
0
20
10
160
80421 G38
30
40
20
60
40
80
140
120
100
LTM8042/LTM8042-1
TA = 25°C, unless otherwise noted.
LTM8042
Efficiency vs VIN, Boost Operation,
9.7V at 350mA LED String
Efficiency vs VIN, Boost Operation,
12.6V at 350mA LED String
VIN (V)
2
65
34
95
80421 G39
56
70
80
75
85
90
VIN (V)
2.5
65
4.5
95
80421 G40
6.5
8.5
70
80
75
85
90
VIN (V)
3
65
57
95
80421 G41
911
70
80
75
85
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com