Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042EVPBF Datasheet(PDF) 26 Page - Linear Technology

Part # LTM8042EVPBF
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042EVPBF Datasheet(HTML) 26 Page - Linear Technology

Back Button LTM8042EVPBF Datasheet HTML 22Page - Linear Technology LTM8042EVPBF Datasheet HTML 23Page - Linear Technology LTM8042EVPBF Datasheet HTML 24Page - Linear Technology LTM8042EVPBF Datasheet HTML 25Page - Linear Technology LTM8042EVPBF Datasheet HTML 26Page - Linear Technology LTM8042EVPBF Datasheet HTML 27Page - Linear Technology LTM8042EVPBF Datasheet HTML 28Page - Linear Technology LTM8042EVPBF Datasheet HTML 29Page - Linear Technology LTM8042EVPBF Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTM8042/LTM8042-1
26
80421fa
APPLICATIONS INFORMATION
Thermal Considerations
The LTM8042/LTM8042-1 output current may need to be
derated if it is required to operate in a high ambient tem-
perature or deliver a large amount of continuous power.
The amount of current derating is dependent upon the
input voltage, output power and ambient temperature. The
temperature rise curves given in the Typical Performance
Characteristics section can be used as a guide. These curves
were generated by an LTM8042/LTM8042-1 mounted to a
51cm2 4-layer FR4 printed circuit board. Boards of other
sizes and layer count can exhibit different thermal behavior,
so it is in-cumbent upon the user to verify proper operation
over the intended system’s line, load and environmental
operating conditions.
The thermal resistance numbers listed in the Pin Configura-
tion section of the data sheet are based on modeling the
μModule package mounted on a test board specified per
JESD51-9 (“Test Boards for Area Array Surface Mount
Package Thermal Measurements”). The thermal coef-
ficients provided are based on JESD 51-12 (“Guidelines
for Reporting and Using Electronic Package Thermal
Information”).
For increased accuracy and fidelity to the actual applica-
tion, many designers use finite element analysis (FEA) to
predict thermal performance. To that end, the Pin Con-
figuration section of the data sheet typically gives four
thermal coefficients:
1. θJA: thermal resistance from junction to ambient.
2. θJCBOTTOM: thermal resistance from junction to the
bottom of the product case.
3. θJCTOP: thermal resistance from junction to top of the
product case.
4. θJB: thermal resistance from junction to the printed
circuit board.
While the meaning of each of these coefficients may seem to
be intuitive, JEDEC has defined each to avoid confusion and
inconsistency. These definitions are given in JESD 51-12,
and are quoted or paraphrased in the following:
1. θJA is the natural convection junction-to-ambient air
thermal resistance measured in a one cubic foot sealed
enclosure. This environment is sometimes referred to as
“still air” although natural convection causes the air to
move. This value is determined with the part mounted to
a JESD 51-9 defined test board, which does not reflect
an actual application or viable operating condition.
2. θJCBOTTOM is the junction-to-board thermal resistance
with all of the component power dissipation flowing
through the bottom of the package. In the typical
μModule regulator, the bulk of the heat flows out the
bottom of the package, but there is always heat flow
out into the ambient environment. As a result, this
thermal resistance value may be useful for comparing
packages but the test conditions don’t generally match
the user’s application.
3. θJCTOP is determined with nearly all of the component
power dissipation flowing through the top of the
package. As the electrical connections of the typical
μModule regulator are on the bottom of the package,
it is rare for an application to operate such that most of
the heat flows from the junction to the top of the part.
As in the case of θJCBOTTOM, this value may be useful
for comparing packages but the test conditions don’t
generally match the user’s application.
4. θJB is the junction-to-board thermal resistance where
almost all of the heat flows through the bottom of the
μModule regulator and into the board, and is really the
sum of the θJCBOTTOM and the thermal resistance of
the bottom of the part through the solder joints and
through a portion of the board. The board temperature is
measured a specified distance from the package, using
a two sided, two layer board. This board is described
in JESD 51-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com