Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042EVPBF Datasheet(PDF) 25 Page - Linear Technology

Part # LTM8042EVPBF
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042EVPBF Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM8042EVPBF Datasheet HTML 21Page - Linear Technology LTM8042EVPBF Datasheet HTML 22Page - Linear Technology LTM8042EVPBF Datasheet HTML 23Page - Linear Technology LTM8042EVPBF Datasheet HTML 24Page - Linear Technology LTM8042EVPBF Datasheet HTML 25Page - Linear Technology LTM8042EVPBF Datasheet HTML 26Page - Linear Technology LTM8042EVPBF Datasheet HTML 27Page - Linear Technology LTM8042EVPBF Datasheet HTML 28Page - Linear Technology LTM8042EVPBF Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTM8042/LTM8042-1
25
80421fa
APPLICATIONS INFORMATION
Table 6. LTM8042-1 Recommended Values and Configuration for Buck-Boost Mode (TA = 25°C)
VIN RANGE
(BSTIN/
BKLED–)VCC
CVCC
(VCC TO GND)
CIN
(BSTIN/BKLED–
TO GND)
COUT1
(BSTOUT/BKIN
TO BSTIN/
BKLED–)
COUT2
(BSTOUT/BKIN
TO GND)
LED
STRING
VOLTAGE
(LED+ TO
BSTIN/
BKLED–)
LED
STRING
CUR-
RENT
RCTL
RT
(OPTI-
MAL)
f
(OPTI-
MAL)
RT
(MIN)
f
(MAX)
1V to 9.5V
3V to 30V 1μF 0805 X7R 50V 1μF 0805 X7R 10V 1μF 0805 X7R 10V 1μF 0805 X7R 10V
2V to 4V
35mA
1.27k 86.6k
250k
86.6k
250k
1.1V to 21V
3V to 30V 1μF 0805 X7R 50V 1μF 0805 X7R 16V 1μF 0805 X7R 10V 1μF 0805 X7R 10V
4V to 6V
35mA
1.27k 86.6k
250k
86.6k
250k
1.3V to 24V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 1μF 0805 X7R 10V 1μF 0805 X7R 10V
6V to 9V
35mA
1.27k 86.6k
250k
86.6k
250k
1.5V to 20.8V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 1μF 0805 X7R 16V 1μF 0805 X7R 16V 8V to 12V
35mA
1.27k 86.6k
250k
43.2k
450k
2.2V to 16.9V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 1μF 0805 X7R 16V 1μF 1206 X7R 25V 12V to 16V
35mA
1.27k 48.7k
400k
30.1k
600k
3V to 12V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 1μF 1206 X7R 25V 1μF 1206 X7R 25V 15V to 21V
35mA
1.27k 37.4k
500k
10.0k 1.4M
3.8V to 9V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 1μF 1206 X7R 25V 1μF 1206 X7R 25V 18V to 24V
35mA
1.27k 22.6k
750k
3.74k 2.5M
1.1V to 24V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 2.2μF 1206 X7R 10V 1μF 0805 X7R 10V
2V to 4V
100mA 3.40k 86.6k
250k
69.8k
300k
1.3V to 27V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 1μF 0805 X7R 10V 1μF 0805 X7R 10V
4V to 6V
100mA 3.40k 48.7k
400k
43.2k
450k
1.6V to 24V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 1μF 0805 X7R 10V 1μF 0805 X7R 10V
6V to 9V
100mA 3.40k 37.4k
500k
33.2k
550k
1.9V to 21.5V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 1μF 0805 X7R 16V 1μF 0805 X7R 16V 8V to 12V
100mA 3.40k 21.0k
800k
19.6k
850k
2.5V to 17V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 1μF 0805 X7R 16V 1μF 1206 X7R 25V 12V to 16V 100mA 3.40k 19.6k
850k
8.25k 1.6M
3V to 12V
3V to 30V 1μF 0805 X7R 50V 1μF 0805 X7R 16V 1μF 1206 X7R 25V 1μF 1206 X7R 25V 15V to 21V 100mA 3.40k 19.6k
850k
3.74k 2.5M
3.7V to 9V
3V to 30V 1μF 0805 X7R 50V 1μF 0805 X7R 10V 1μF 1206 X7R 25V 1μF 1206 X7R 25V 18V to 24V 100mA 3.40k 15.8k
1M
3.74k 2.5M
2.2V to 29V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 2.2μF 1206 X7R 10V 1μF 0805 X7R 10V
2V to 4V
350mA 19.6k 43.2k
450k
37.4k
500k
2.7V to 27.5V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 2.2μF 1206 X7R 10V 1μF 0805 X7R 10V
4V to 6V
350mA 19.6k 27.4k
650k
18.2k
900k
3.7V to 23.8V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 2.2μF 1206 X7R 10V 1μF 0805 X7R 10V
6V to 9V
350mA 19.6k 18.2k
900k
9.09k 1.5M
3.8V to 20.2V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 2.2μF 1206 X7R 16V 1μF 0805 X7R 16V 8V to 12V
350mA 19.6k 14.0k
1.1M
6.19k 1.9M
5.3V to 15.2V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 25V 2.2μF 1206 X7R 16V 1μF 1206 X7R 25V 12V to 16V 350mA 19.6k 14.0k
1.1M
3.74k 2.5M
7.4V to 9.3V 3V to 30V 1μF 0805 X7R 50V 1μF 0805 X7R 16V 2.2μF 1206 X7R 16V 1μF 1206 X7R 25V 15V to 21V 350mA 19.6k 18.2k
900k
3.74k 2.5M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com